Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR21141SS Datasheet(PDF) 8 Page - International Rectifier

Part # IR21141SS
Description  HALF-BRIDGE GATE DRIVER IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR21141SS Datasheet(HTML) 8 Page - International Rectifier

Back Button IR21141SS Datasheet HTML 4Page - International Rectifier IR21141SS Datasheet HTML 5Page - International Rectifier IR21141SS Datasheet HTML 6Page - International Rectifier IR21141SS Datasheet HTML 7Page - International Rectifier IR21141SS Datasheet HTML 8Page - International Rectifier IR21141SS Datasheet HTML 9Page - International Rectifier IR21141SS Datasheet HTML 10Page - International Rectifier IR21141SS Datasheet HTML 11Page - International Rectifier IR21141SS Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
IR21141/IR22141SSPbF
www.irf.com
© 2009 International Rectifier
8
HIN
DSH
SY_FLT
tDESAT1
8V
50%
tSY_FLT,DESAT1
HON
90%
50%
tBL
FAULT/SD
FLTCLR
SoftShutdown
LIN
LON
90%
SoftShutdown
tDESAT2
8V
tSY_FLT,DESAT2
50%
tBL
DSL
90%
50%
tBL
SoftShutdown
90%
SoftShutdown
50%
tBL
8V
8V
50%
tSY_FLT,DESAT3
tSY_FLT,DESAT4
tDESAT3
tDESAT4
50%
50%
Turn-On Propagation Delay
Turn-On Propagation Delay
90%
Turn_Off propagation Delay
50%
90%
50%
50%
10%
10%
Figure 10:
Desat Timing
HIN
LIN
HO (HOP=HON)
LO (LOP=LON)
DTH
DTL
50%
50%
50%
50%
50%
50%
MDT=DTH-DTL
Figure 11:
Internal Deadtime Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com