Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR21141SS Datasheet(PDF) 13 Page - International Rectifier

Part # IR21141SS
Description  HALF-BRIDGE GATE DRIVER IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR21141SS Datasheet(HTML) 13 Page - International Rectifier

Back Button IR21141SS Datasheet HTML 9Page - International Rectifier IR21141SS Datasheet HTML 10Page - International Rectifier IR21141SS Datasheet HTML 11Page - International Rectifier IR21141SS Datasheet HTML 12Page - International Rectifier IR21141SS Datasheet HTML 13Page - International Rectifier IR21141SS Datasheet HTML 14Page - International Rectifier IR21141SS Datasheet HTML 15Page - International Rectifier IR21141SS Datasheet HTML 16Page - International Rectifier IR21141SS Datasheet HTML 17Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
IR21141/IR22141SSPbF
www.irf.com
© 2009 International Rectifier
13
Figure 13:
High and Low Side Output Stage
FLTCLR
Q
Q
SET
CLR
S
R
FAULT/SD
SY_FLT
internal
HOLD
(external
hold)
(external hard
shutdown)
internal FAULT
(hard shutdown)
UVCC
DesatHS
DesatLS
Figure 14:
Fault Management Diagram
The external sensing diode should have breakdown
voltage greater than 600 V (IR21141) or 1200 V
(IR22141), and low stray capacitance (in order to
minimize noise coupling and switching delays). The
diode is biased by an internal pull-up resistor RDSH/L
(equal to VCC/IDS- or VBS/IDS-) or by a dedicated circuit
(see the active-bias section). To limit the current flowing
through DSH and DSL in case of desaturation an
external Schottky diode is required, as shown in Fig. 13.
When VCE increases, the voltage at the DSH or DSL pin
increases too. Being internally biased to the local supply,
the DSH/DSL voltage is automatically clamped. When
DSH/DSL
exceeds
the
VDESAT+
threshold,
the
comparator triggers (see Fig. 13). The comparator’s
output is filtered in order to avoid false desaturation
detection by externally induced noise; pulses shorter
than tDS are filtered out. To avoid detecting a false
desaturation event during IGBT turn on, the desaturation
circuit is disabled by a blanking signal (TBL, see blanking
block in Fig. 13). This time is the estimated maximum
IGBT turn on time and must be not exceeded by proper
gate resistance sizing. When the IGBT is not completely
saturated after TBL, desaturation is detected and the
driver will turn off.
Eligible desaturation signals initiate the SSD sequence.
While in SSD, the driver’s output goes to a high
impedance state and the SSD pull-down is activated to
turn off the IGBT through the SSDH/SSDL pin. The
SY_FLT output pin (active low, see Fig. 14) reports the
gate driver status during the SSD sequence (tSS). Once
the SSD has finished, SY_FLT releases, and the gate
driver generates a FAULT signal (see the FAULT/SD
section) by activating the FAULT/SD pin. This generates
a hard shutdown for both the high and low output stages
(HO=LO=low). Each driver is latched low until the fault is
cleared (see FLT_CLR).
Figure 14 shows the fault management circuit. In this
diagram DesatHS and DesatLS are two internal signals
that come from the output stages (see Fig. 13).
It must be noted that while in SSD, both the
undervoltage fault and external SD are masked until the
end
of
SSD.
Desaturation
protection
is
working
independently by the other control pin and it is disabled
only when the output status is off.
1.4.4 Fault Management in Multi-Phase Systems
In a system with two or more gate drivers the
IR21141/IR22141 devices must be connected as shown
in Fig. 15.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com