Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GH2801SCKA Datasheet(PDF) 8 Page - International Rectifier

Part # GH2801SCKA
Description  HIGH RELIABILITY, HIGH EFFICIENCY RADIATION HARDENED DC-DC CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

GH2801SCKA Datasheet(HTML) 8 Page - International Rectifier

  GH2801SCKA Datasheet HTML 1Page - International Rectifier GH2801SCKA Datasheet HTML 2Page - International Rectifier GH2801SCKA Datasheet HTML 3Page - International Rectifier GH2801SCKA Datasheet HTML 4Page - International Rectifier GH2801SCKA Datasheet HTML 5Page - International Rectifier GH2801SCKA Datasheet HTML 6Page - International Rectifier GH2801SCKA Datasheet HTML 7Page - International Rectifier GH2801SCKA Datasheet HTML 8Page - International Rectifier GH2801SCKA Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
www.irf.com
GH-SERIES
(28V Input, Single Output)
Standard Microcircuit Drawing Equivalence Table
Mechanical Diagram
Pin Designation
Pin #
Designation
Pin #
Designation
1
Input
8
Output
2
Input Return
9
Output Return
3
Inhibit
10
Output Return
4
Sync Input
11
- Sense
5
Sync Output
12
Output Adjust
6
+ Sense
13
Case
7
Output
3.055 MAX.
0.500
2.00
0.45
1.10
2.500
2.30
0.200 Typ.
Non-
cum.
0.30
1.400
Ref.
3.50
Ref.
0.475
MAX.
0.080
Max.
0.260
Pin
Ø0.040
R0.0625
4 places
0.50
0.60
0.20
Tolerance : .XX
±0.01
.XXX ±0.005
1
2
3
4
5
12
13
11
10
9
8
7
6
0.25
2.055
MAX.
FLANGE DETAIL
0.40
0.25
0.14
R0
.06
25
Standard Microcircuit
IR Standard
Drawing Number
Part Number
5962-1021701KXX
GH2803R3S/CKX
5962-1021901KXX
GH2805S/CKX



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com