Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GH2801SCKA Datasheet(PDF) 1 Page - International Rectifier

Part # GH2801SCKA
Description  HIGH RELIABILITY, HIGH EFFICIENCY RADIATION HARDENED DC-DC CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

GH2801SCKA Datasheet(HTML) 1 Page - International Rectifier

  GH2801SCKA Datasheet HTML 1Page - International Rectifier GH2801SCKA Datasheet HTML 2Page - International Rectifier GH2801SCKA Datasheet HTML 3Page - International Rectifier GH2801SCKA Datasheet HTML 4Page - International Rectifier GH2801SCKA Datasheet HTML 5Page - International Rectifier GH2801SCKA Datasheet HTML 6Page - International Rectifier GH2801SCKA Datasheet HTML 7Page - International Rectifier GH2801SCKA Datasheet HTML 8Page - International Rectifier GH2801SCKA Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
10/12/12
www.irf.com
1
HIGH RELIABILITY, HIGH EFFICIENCY
RADIATION HARDENED
DC-DC CONVERTER
GH-SERIES
Description
n Total Ionizing Dose (TID) > 100 KRad(Si)
n SEE Hardened to LET Level > 82 MeV.cm2/mg
n Internal EMI filter
n Low Weight, < 110 grams
n Magnetically Coupled Feedback
n 18V to 40V DC Input Range
n Up to 50W Output Power
n Single Output Models Include
1V, 1.5V, 1.8V, 2.5V, 3.3V and 5V
n High Efficiency - to 87%
n -55°C to +85°C Operating Temperature Range
n 100MΩ @ 100VDC Isolation
n Under-Voltage Lockout
n Short Circuit and Overload Protection
n Output Voltage Adjust
n Synchronization Output and Input
n Remote Sense
n External Inhibit
Features
28V Input, Single Output
Applications
The GH series is a family of low voltage single output
DC-DC converters. They are specifically designed in
response to the need for low voltage at moderate current
levels with the high efficiency and tight regulation
dictated by modern digital processing applications. The
converters are radiation hardened, high reliability
converters designed for extended operation in hostile
environments. Their small size and low weight make
them ideal for applications such as geostationary earth
orbit satellites and deep space probes. They exhibit a
high tolerance to total ionizing dose, single event effects
and environmental stresses such as temperature
extremes, mechanical shock, and vibration. All
components are fully de-rated to meet the requirements
of MIL-STD-975, MIL-STD-1547 except for the CDR type
of capacitors, a capacitor with 50V rating is used for in-
circuit voltage stress of less than10V. Thorough analyses
and documentation including beginning-of-life (BOL)
and end-of-life (EOL) electrical worst case (WCA)
operation, component stress and de-rating, radiation
susceptibility (TREE), thermal stress, failure mode and
effects (FMEA), and reliability (MTBF) are available for
customer review.
The design incorporates a fixed frequency topology
with magnetic feedback. Synchronous rectification is
deployed to maximize efficiency performance. The
converters include an internal EMI filter that is capable
of meeting the conducted emission requirements of
most major satellite power busses. Incorporation of
many functional features including on/off command,
remote sensing, and under-voltage lockout make the
design suitable for today’s space design applications.
GH
The converter is enclosed in a hermetically sealed
package with the overall dimensions of 3.5"L x 2.50”W
x 0.475"H including the I/O pins and mounting tabs.
The package base material is silicon carbide-
aluminum (AISIC). The package ring frame is Alloy
48. The package utilizes rugged ceramic feed-through
copper core I/O pins and is sealed using parallel
seam welding. The total mass of a converter is less
than 110 grams.
n Geostationary Earth Orbit Satellites (GEO)
n Deep Space Satellites / Probes
n Strategic Weapons and Communication System
Manufactured in a facility fully qualified to MIL-
PRF-38534, these converters are fabricated
utilizing DLA Land and Maritime qualified
processes. For available screening options, refer
to device screening table in the data sheet.
Non-flight versions of the GH-Series converters
are available for system development purposes.
Variations in electrical specifications and
screening to meet custom requirements can be
accommodated.
PD-97440C


Similar Part No. - GH2801SCKA

ManufacturerPart #DatasheetDescription
logo
International Rectifier
GH2801S IRF-GH2801S Datasheet
397Kb / 10P
HIGH RELIABILITY, HIGH EFFICIENCY RADIATION HARDENED DC-DC CONVERTER
More results

Similar Description - GH2801SCKA

ManufacturerPart #DatasheetDescription
logo
International Rectifier
LS2801R5S IRF-LS2801R5S_12 Datasheet
249Kb / 16P
HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
LSO2805S IRF-LSO2805S Datasheet
516Kb / 18P
HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G2803R305R4T IRF-M3G2803R305R4T Datasheet
146Kb / 9P
HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G280512T IRF-M3G280512T Datasheet
181Kb / 13P
HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3GB2805S IRF-M3GB2805S Datasheet
263Kb / 13P
HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
logo
Infineon Technologies A...
M3H280515T INFINEON-M3H280515T Datasheet
289Kb / 9P
HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
2016-04-19
logo
International Rectifier
GH2801S IRF-GH2801S Datasheet
397Kb / 10P
HIGH RELIABILITY, HIGH EFFICIENCY RADIATION HARDENED DC-DC CONVERTER
GHP2805S IRF-GHP2805S Datasheet
392Kb / 12P
HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
GHP7005S IRF-GHP7005S Datasheet
392Kb / 12P
HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G5003R3S IRF-M3G5003R3S_16 Datasheet
402Kb / 13P
HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com