Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NDL Datasheet(PDF) 1 Page - C&D Technologies

Part # NDL
Description  Isolated 2W Wide Input Single Output DC-DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

NDL Datasheet(HTML) 1 Page - C&D Technologies

  NDL Datasheet HTML 1Page - C&D Technologies NDL Datasheet HTML 2Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SELECTION GUIDE
FEATURES
s
2:1 Wide Range Voltage Input
s
Continuous Short Circuit Protection
with Current Foldback
s
Operating Temperature Range
–40°C to 85°C
s
0.5% Regulation
s
1kVDC Isolation
s
Efficiency to 83%
s
5V, 12V, 24V & 48V Nominal Input
s
5V, 9V, 12V & 15V Output
s
Power Density 0.9W/cm3
s
External Control
s
No Electrolytic Capacitors
s
Low Noise
s
Fully Encapsulated
DESCRIPTION
The NDL series is a range of high
performance miniature DC-DC converters
having regulated outputs over the wide
temperature range of –40°C to 85°C. The
input voltage range is 2:1 with the output
power at 2 watts and the input to output
isolation is 1kVDC. Continuous short circuit
protection, external control and extremely
small SIP packaging provide state of the art
functionality. The use of ceramic capacitors
and a ceramic substrate, with a tough chip
and wire bonded MOSFET power transistor
die and SMD construction, provide genuine
high reliability. Nominal input voltages of
5,12,24 and 48V with output voltages of
5,9,12 and 15V are available as standard
with custom parts on request. The plastic case
is rated to UL 94V-0 with encapsulant to UL
94V-1. Connection pins are phosphor bronze
with a 60/40 tin lead solder dipped finish.
Nominal Rated
Input
Input
Output
Output Current 1
Current2
Voltage Voltage
Min Load3
Full Load
Full Load
MTTF4
Order Code
(V)
(V)
(mA)
(mA)
(mA)
(%)
(pF)
kHrs
NDL0505S
5
5
100
400
606
66
26
2015
NDL0509S
5
9
55
222
558
71
27
1998
NDL0512S
5
12
42
167
559
71
26
1980
NDL0515S
5
15
33
134
549
73
27
1965
NDL1205S
12
5
100
400
228
73
39
1994
NDL1209S
12
9
55
222
211
79
38
1981
NDL1212S
12
12
42
167
208
80
47
1961
NDL1215S
12
15
33
134
206
81
47
1947
NDL2405S
24
5
100
400
112
74
37
1722
NDL2409S
24
9
55
222
102
81
40
1711
NDL2412S
24
12
42
167
100
81
51
1696
NDL2415S
24
15
33
134
100
83
58
1685
NDL4805S
48
5
100
400
57
73
39
1719
NDL4809S
48
9
55
222
52
80
40
1709
NDL4812S
48
12
42
167
51
81
53
1694
NDL4815S
48
15
33
134
51
82
65
1683
Parameter
Conditions
MIN
TYP
MAX
Units
All NDL05 Types
4.5
5
9
Voltage Range
All NDL12 Types
9
12
18
VDC
All NDL24 Types
18
24
36
All NDL48 Types
36
48
72
Reflected
All NDL05 types when 100µF at input
250
Ripple
All NDL12 types when 100µF at input
150
mA p-p
Current
All NDL24 types when 10µF at input
300
380
All NDL48 types when 10µF at input
140
170
Parameter
Conditions5
TYP
MAX
Units
All NDL 05/12 types with external
±1
±5
Voltage Set
input/output capacitors
%
Point Accuracy
All NDL 24/48 types with external
±2
±5
input/output capacitors
All NDL 05/12 types, Low line to high line,
Line Regulation
With external input/output capacitors
0.05
0.5
%
All NDL 24/48 types, Low line to high line,
With external input/output capacitors
0.04
0.4
All NDL 05/12 types, Minimum load to rated load,
Load Regulation
With external input/output capacitors
0.2
0.75
%
All NDL 24/48 types, Minimum load to rated load,
With external input/output capacitors
0.2
0.75
Ripple
B/W=20Hz to 300kHz
mV rms
With external input/output capacitors
5
10
All NDL 05 types, B/W=DC to 100MHz
With external input/output capacitors
20
35
Noise
All NDL 12 types, B/W=DC to 100MHz
mV p-p
With external input/output capacitors
110
170
All NDL 24/48 types, B/W=DC to 100MHz
With external input/output capacitors
50
100
Shutdown Power V
IN nominal
2.8
mW
INPUT CHARACTERISTICS
OUTPUT CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
1 Refer to power derating graph for operation of 5V input types at 4.5 to 6V.
2 Measured at full load with external input/output capacitors, refer to recommended test circuit.
3 A lower load condition is entirely safe but higher levels of output ripple will be experienced.
4 Calculated using MIL-HDBK-217F with nominal input voltage at full load.
5 Refer to recommended test circuit for external input/output capacitors.
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified.
Short-circuit protection
continuous
Lead temperature 1.5mm from case for 10 seconds
300°C
Control pin input current
10mA
Input voltage 05 types
10V
Input voltage 12 types
20V
Input voltage 24 types
40V
Input voltage 48 types
80V
NDL SERIES
Isolated 2W Wide Input Single Output DC-DC Converters
www.dc-dc.com


Similar Part No. - NDL

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
NDL AMPHENOL-NDL Datasheet
1Mb / 16P
Thermometrics temperature sensor solutions
logo
Murata Power Solutions ...
NDL MURATA-PS-NDL Datasheet
288Kb / 6P
Isolated 2W Wide Input Single Output DC-DC Converters
2023
logo
Neutrik AG
NDL NEUTRIK-NDL Datasheet
6Mb / 24P
Circular Connectors
2019/07-V20
logo
List of Unclassifed Man...
NDL-104LP ETC2-NDL-104LP Datasheet
263Kb / 1P
SELF-EXCITED INVERTER FOR ELECTORULUMINESCENT (EL) LIGHT
logo
Murata Manufacturing Co...
NDL0505SC MURATA-NDL0505SC Datasheet
203Kb / 4P
Isolated 2W Wide Input Single Output DC/DC Converters
More results

Similar Description - NDL

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
B-XNM-2W MICRODC-B-XNM-2W Datasheet
889Kb / 4P
Isolated 2W Single Output DC/DC Converters
logo
Murata Manufacturing Co...
NDL0512SC MURATA-NDL0512SC Datasheet
203Kb / 4P
Isolated 2W Wide Input Single Output DC/DC Converters
logo
Microdc power Technolog...
2B-XD MICRODC-2B-XD Datasheet
645Kb / 5P
Fixed Input,Isolated 2W Single Output DC/DC Converters
2B-XES MICRODC-2B-XES Datasheet
283Kb / 3P
Isolated 2W Single Output DC/DC Converters
2B-XSD MICRODC-2B-XSD Datasheet
645Kb / 5P
Fixed Input,Isolated 2W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TP2L-2W TOPPOWER-TP2L-2W Datasheet
207Kb / 3P
2W Isolated Wide Input Single And Dual Output DC/DC Converters
TP2L TOPPOWER-TP2L Datasheet
579Kb / 3P
2W 1KVDC Isolated Wide Input Single Output DC/DC Converters
TP2L-1KV3KV TOPPOWER-TP2L-1KV3KV Datasheet
181Kb / 3P
2W Isolated Wide Input Single Output DC/DC Converters
TPL TOPPOWER-TPL_18 Datasheet
633Kb / 3P
2W Isolated Single Output DC/DC Converters
TP2L24S03S-2WLI TOPPOWER-TP2L24S03S-2WLI Datasheet
216Kb / 3P
2W 1.5KVDC Isolated Wide Input Single Output DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com