Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HPR419 Datasheet(PDF) 2 Page - C&D Technologies

Part # HPR419
Description  0.75 Watt Miniature SIP DC/DC Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

HPR419 Datasheet(HTML) 2 Page - C&D Technologies

  HPR419 Datasheet HTML 1Page - C&D Technologies HPR419 Datasheet HTML 2Page - C&D Technologies HPR419 Datasheet HTML 3Page - C&D Technologies HPR419 Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
HPR4XX REV G 1/03
2
Product: www.cdpoweronline.com
SPECIFICATIONS,ALLMODELS
Specifications are at T
A = +25°C nominal input voltage unless otherwise specified.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
INPUT
Voltage Range
4.5
5
5.5
VDC
10.8
12
13.2
VDC
13.5
15
16.5
VDC
21.6
24
26.4
VDC
OUTPUT
Rated Power
750
mW
Voltage Setpoint Accuracy
Rated Load, Nominal V
IN
±5
%
Ripple & Noise
BW = DC to 10MHz
45
mVp-p
BW =10Hz to 2MHz
30
mVrms
HPR403
BW = DC to 10MHz
90
mVp-p
Voltage (Over Input Voltage Range)
1mA Load, V
OUT =
5V
7
VDC
1mA Load, V
OUT = 12V
15
VDC
1mA Load, V
OUT = 15V
18
VDC
Temperature Coefficent
.01
%/°C
REGULATION
Line Regulation
High Line to Low Line
1
%/%Vin
Load Regulation (5V out only)
Rated Load to 1mA Load
10
%
Load Regulation (All other modes)
Rated Load to 1mA Load
3
%
GENERAL
ISOLATION
Rated Voltage
1000
VDC
Test Voltage
60 Hz, 60 Seconds
3000
Vpk
Resistance
10
G
Ω
Capacitance
15
pF
Leakage Current
V
ISO= 240VAC, 60Hz
2
7
µArms
Switching Frequency
170
kHz
Frequency Change
Over Line and Load
24
%
Package Weight
2g
MTTF per MIL-HDBK-217, Rev. E*
Circuit Stress Method
Ground Benign
T
A = +25°C
7.9
MHr
TEMPERATURE
Specification
-25
+25
+85
°C
Operation
-40
+100
°C
Storage
-40
+110
°C
* For demonstrated MTTF results reference: Power Convertibles Reliability Report HPR105.
Internal Power Dissipation ................................. 450mW
ShortCircuitDuration ........................................... Momentary
Lead Temperature (soldering, 10 seconds max .+300°C *
* NOTE: Refer to Reflow Profile for SMD Models.
ABSOLUTE MAXIMUM RATINGS
HPR
4XX
Device Family
HPR Indicates DC/DC Converter
Model Number
Selected from Table of Electrical Characteristics
ORDERING INFORMATION



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com