Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HPR419 Datasheet(PDF) 4 Page - C&D Technologies

Part # HPR419
Description  0.75 Watt Miniature SIP DC/DC Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

HPR419 Datasheet(HTML) 4 Page - C&D Technologies

  HPR419 Datasheet HTML 1Page - C&D Technologies HPR419 Datasheet HTML 2Page - C&D Technologies HPR419 Datasheet HTML 3Page - C&D Technologies HPR419 Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
HPR4XX REV G 1/03
4
Product: www.cdpoweronline.com
0.77±0.010"
(19.56±0.25)
2
1
7
6
5
0.400±0.010"
(10.16±0.25)
0.140"
(3.56)
0.18±0.015"
(4.57±0.38)
0.02±0.002"
(0.51±0.05)
0.240±0.010"
(6.09±0.25)
0.010±0.002"
(0.25±0.05)
0.020±0.010"
(0.51±0.25)
0.035±0.015"
(0.89±0.38)
MIN
FRONT
VIEW
BOTTOM
VIEW
MECHANICAL
Notes:
All dimensions are in inches (millimeters).
GRID: 0.100 inches (2.54 millimeters)
PIN PLACEMENT TOLERANCE: ± 0.015"
RIGHT
SIDE
VIEW
PIN CONNECTIONS
1.
+VIN
2.
-VIN
5.
-VOUT
6.
COM*
7.
+VOUT
*Common pin not present on
single output models.
Any data, prices, descriptions or specifications presented herein are subject to revision by C&D Technologies, Inc. without notice. While such information is believed to
be accurate as indicated herein, C&D Technologies, Inc. makes no warranty and hereby disclaims all warranties, express or implied, with regard to the accuracy or
completeness of such information. Further, because the product(s) featured herein may be used under conditions beyond its control, C&D Technologies, Inc. hereby
disclaims all warranties, either express or implied, concerning the fitness or suitability of such product(s) for any particular use or in any specific application or arising
from any course of dealing or usage of trade. The user is solely responsible for determining the suitability of the product(s) featured herein for user’s intended purpose
and in user’s specific application. C&D Technologies, Inc. does not warrant or recommend that any of its products be used in any life support or aviation or aerospace
applications.
Power Electronics Division, Americas
3400 E Britannia Drive, Tucson, Arizona 85706
Tel: 800.547.2537 Fax: 520.295.4197
C&D Technologies, EMEA/AP
Milton Keynes
MK14 5BU UK
Tel: +44 (0)1908 615232 Fax: +44 (0)1908 617545



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com