Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM8903TR Datasheet(PDF) 10 Page - STMicroelectronics

Part # PM8903TR
Description  3 A step-down monolithic switching regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8903TR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button PM8903TR Datasheet HTML 6Page - STMicroelectronics PM8903TR Datasheet HTML 7Page - STMicroelectronics PM8903TR Datasheet HTML 8Page - STMicroelectronics PM8903TR Datasheet HTML 9Page - STMicroelectronics PM8903TR Datasheet HTML 10Page - STMicroelectronics PM8903TR Datasheet HTML 11Page - STMicroelectronics PM8903TR Datasheet HTML 12Page - STMicroelectronics PM8903TR Datasheet HTML 13Page - STMicroelectronics PM8903TR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
Electrical specifications
PM8903
10/34
Doc ID 022748 Rev 1
Over and undervoltage protections
OVP
OVP threshold
FB rising
0.69
0.72
0.75
V
LS turns off, FB falling
0.30
V
UVP
UVP threshold
FB falling
0.45
0.48
0.51
V
IFB
FB disconnection bias
current
Sourced from FB
100
nA
Overtemperature protection
OTP
Thermal shutdown
threshold (1)
140
°C
Thermal shutdown
hysteresis (1)
40
°C
PGOOD
PGOOD
Upper threshold
FB rising
0.69
0.72
0.75
V
Lower threshold
FB falling
0.45
0.48
0.51
V
VPGOODL
PGOOD voltage low
IPGOOD = -4 mA
0.4
V
ENABLE
EN
Input logic high
EN rising
1.5
V
Input logic low
EN falling
0.65
V
Hysteresis
150
mV
Deglitching(1)
Rising and falling edge
3
μs
SS
TSS
Soft-start time
RPM=0 Ω / 24 kΩ / 180 kΩ / 240 kΩ
or PSKIP/MS pin floating
0.79
ms
1.
Guaranteed by design, not subject to test.
Table 6.
Electrical characteristics (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com