Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM8903TR Datasheet(PDF) 30 Page - STMicroelectronics

Part # PM8903TR
Description  3 A step-down monolithic switching regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8903TR Datasheet(HTML) 30 Page - STMicroelectronics

Back Button PM8903TR Datasheet HTML 26Page - STMicroelectronics PM8903TR Datasheet HTML 27Page - STMicroelectronics PM8903TR Datasheet HTML 28Page - STMicroelectronics PM8903TR Datasheet HTML 29Page - STMicroelectronics PM8903TR Datasheet HTML 30Page - STMicroelectronics PM8903TR Datasheet HTML 31Page - STMicroelectronics PM8903TR Datasheet HTML 32Page - STMicroelectronics PM8903TR Datasheet HTML 33Page - STMicroelectronics PM8903TR Datasheet HTML 34Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
PM8903 demonstration board
PM8903
30/34
Doc ID 022748 Rev 1
7.1.4
Test points and jumper connection
Use the following test points in order to measure the most important signals of the PM8903.
●
VCC1 / VCC2: monitor the supply voltages
●
VIN1 / VIN2: monitor the input voltages
●
V_OUT_S1 / V_OUT_S2: monitor the output voltages (use these test points to perform
efficiency load-line regulation measurements)
●
PGOOD1 / PGOOD2: (active high) monitor the regular functioning of the controllers
●
SYNCH1 / SYNCH2: these are usually shorted when two devices are synchronized
together
Unplug jumpers JP1 /JP2 in order to remove the power input voltage from device U1, device
U2, or both. Provide power supply voltage to one device at a time when performing
efficiency tests.
Turn on Dip-Switch SW1 in order to disable device U1, device U2, or both.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com