Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSO2802R5D Datasheet(PDF) 8 Page - International Rectifier

Part # LSO2802R5D
Description  HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

LSO2802R5D Datasheet(HTML) 8 Page - International Rectifier

Back Button LSO2802R5D Datasheet HTML 4Page - International Rectifier LSO2802R5D Datasheet HTML 5Page - International Rectifier LSO2802R5D Datasheet HTML 6Page - International Rectifier LSO2802R5D Datasheet HTML 7Page - International Rectifier LSO2802R5D Datasheet HTML 8Page - International Rectifier LSO2802R5D Datasheet HTML 9Page - International Rectifier LSO2802R5D Datasheet HTML 10Page - International Rectifier LSO2802R5D Datasheet HTML 11Page - International Rectifier LSO2802R5D Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8
www.irf.com
LSO SERIES
28V Input, Single/Dual Output
Fig. 2 - Single Output Block Diagram
Fig. 3 - Dual Output Block Diagram
+
-
13
Dƒˆ‡
Duviv‡
Dƒˆ‡
Sr‡ˆ…
Pˆ‡ƒˆ‡
9
8h†rÃ
B…‚ˆq
6HQVH
Pˆ‡ƒˆ‡Ã
6qwˆ†‡
9
VW
Gh‡pu
9
Dƒˆ‡Ã
8ˆ……r‡
Uryr€r‡…’
3:0
9
9
9
Tr†r
Duviv‡Ã
Sr‡ˆ…
PWQÃ6qw
4.4V
Reg
Bus
Current
Telemetry
Overcurrent
Protection
Bias
Supply
OVP
EMI
Filter
UVLO &
Inhibit
Shutdown
Latch
Oscillator
Ramp
Gen.
Feedback
Trigger
Sample &
Hold
Soft Start
Ref &
S.S.
FET
Driver
12 Pˆ‡ƒˆ‡
7
9
8
10
Error
Amplifier
11
2
1
3
5
6
4
LSO28XXS
+
-
Pˆ‡ƒˆ‡Ã
6qwˆ†‡
9
9
Pˆ‡ƒˆ‡
3:0
9
9
2XW
2XW
Pˆ‡ƒˆ‡
Sr‡ˆ…
9
9
Dƒˆ‡Ã
8ˆ……r‡
Uryr€r‡…’
PWQÃ6qw
PWQÃ6qw
EMI
Filter
UVLO &
Inhibit
Bias
Supply
Shutdown
Latch
FET
Driver
Oscillator
Ramp
Gen.
Sample &
Hold
Soft Start
Feedback
Trigger
Bus
Current
Telemetry
Overcurrent
Protection
4.4V
Reg
Error
Amplifier
Ref &
S.S.
-Out
OVP
+Out
OVP
5V
Reg
Dƒˆ‡
Duviv‡
Dƒˆ‡
Sr‡ˆ…
8h†rÃ
B…‚ˆq
VW
Gh‡pu
Duviv‡Ã
Sr‡ˆ…
2
1
3
5
6
4
13
Pˆ‡ƒˆ‡
12
11
7
8
9
10
LSO28XXD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com