Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSO2802R5D Datasheet(PDF) 9 Page - International Rectifier

Part # LSO2802R5D
Description  HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

LSO2802R5D Datasheet(HTML) 9 Page - International Rectifier

Back Button LSO2802R5D Datasheet HTML 5Page - International Rectifier LSO2802R5D Datasheet HTML 6Page - International Rectifier LSO2802R5D Datasheet HTML 7Page - International Rectifier LSO2802R5D Datasheet HTML 8Page - International Rectifier LSO2802R5D Datasheet HTML 9Page - International Rectifier LSO2802R5D Datasheet HTML 10Page - International Rectifier LSO2802R5D Datasheet HTML 11Page - International Rectifier LSO2802R5D Datasheet HTML 12Page - International Rectifier LSO2802R5D Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
www.irf.com
9
LSO SERIES
28V Input, Single/Dual Output
Fig. 4 - Typical Connections Diagram
"

(
Pˆ‡ƒˆ‡
/62;;6
Pˆ‡ƒˆ‡
Tr†r
!
$
#
"
Tr†r
ÃDƒˆ‡
VWÃGh‡pu
Duviv‡
Duviv‡ÃS‡
Dƒˆ‡ÃS‡
Ã

9
"
!
Pˆ‡ƒˆ‡
Sr‡ˆ…
/62;;'
!
$
#
"
 Pˆ‡ƒˆ‡
ÃDƒˆ‡
VWÃGh‡pu
Duviv‡
Duviv‡ÃS‡
Dƒˆ‡ÃS‡
Ã

9
!
/2$'


/2$'
/2$'


$W
U‚Ã@hiyrÃ
pv…pˆv‡…’
Duviv‡
Duviv‡ÃS‡


Inhibit Function:
The converter is disabled when the INHIBIT pin is
shorted to the INHIBIT RETURN with an impedance less
than or equal to 1K ohm, and that the converter be
enabled when the impedance between the INHIBIT pin
and INHIBIT RETURN is greater than or equal to 500K
ohms.
Fig. 5 - Inhibit Function
Remote Sense:
A remote sense feature maintains the desired output
voltage regulation at the load. It corrects the voltage drop
along the conductors between converter’s output and the
load. To use this function connect
±sense pins directly to
the load as shown in Fig. 6. To use a converter without
remote sense function, connect the
±sense pins to output
pins respectively. This function is available just on single
output models.
Fig. 6 - Remote Sense - Single Models



2XWSXW
/62;;6
2XWSXW
6HQVH
6HQVH

/2$'


5/($'
5/($'
Srtˆyh‡v‚Ã‚sÇurÃ8‚‰r…‡r…¶†ÃPˆ‡ƒˆ‡



2XWSXW
/62;;6
2XWSXW
6HQVH
6HQVH

/2$'


5/($'
5/($'
Srtˆyh‡v‚Ã‚sÇurÃ8‚‰r…‡r…¶†ÃG‚hq
Application Notes:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com