Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT8945A Datasheet(PDF) 25 Page - Active-Semi, Inc

Part # ACT8945A
Description  Advanced PMU for Atmel SAMA5D3 Series & SAM9 Series Processors
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8945A Datasheet(HTML) 25 Page - Active-Semi, Inc

Back Button ACT8945A Datasheet HTML 21Page - Active-Semi, Inc ACT8945A Datasheet HTML 22Page - Active-Semi, Inc ACT8945A Datasheet HTML 23Page - Active-Semi, Inc ACT8945A Datasheet HTML 24Page - Active-Semi, Inc ACT8945A Datasheet HTML 25Page - Active-Semi, Inc ACT8945A Datasheet HTML 26Page - Active-Semi, Inc ACT8945A Datasheet HTML 27Page - Active-Semi, Inc ACT8945A Datasheet HTML 28Page - Active-Semi, Inc ACT8945A Datasheet HTML 29Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
ACT8945A
Rev 2, 11-Feb-14
- 25 -
www.active-semi.com
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I2CTM is a trademark of NXP.
Copyright © 2014 Active-Semi, Inc.
Innovative PowerTM
Active-Semi Proprietary―For Authorized Recipients and Customers
(TA = 25°C, unless otherwise specified.)
TYPICAL PERFORMANCE CHARACTERISTICS CONT’D
VAC Applied
CH1
CH2
CH3
CH4
VCHGIN = 5V
VBAT = 3.5V
RVSYS = 100Ω
ACIN/CHGLEV = 01
CH1: IBAT, 400mA/div
CH2: VBAT, 1V/div
CH3: VVSYS, 2V/div
CH4: VCHGIN, 5V/div
TIME: 40ms/div
VAC Removed
CH1
CH2
CH3
CH4
CH1: IBAT, 200mA/div
CH2: VVSYS, 2V/div
CH3: VBAT, 1V/div
CH4: VCHGIN, 5V/div
TIME: 100ms/div
VCHGIN = 5V
VBAT = 3.5V
RVSYS = 100Ω
ACIN/CHGLEV = 01
CH1: IBAT, 1A/div
CH2: VBAT, 2V/div
CH3: VVSYS, 2V/div
CH4: VCHGIN, 5V/div
TIME: 40ms/div
VAC Applied
CH1
CH2
CH3
CH4
VCHGIN = 5V
VBAT = 3.97V
RVSYS = 47Ω
ACIN/CHGLEV = 11
VAC Removed
CH4
CH3
CH2
CH1
CH1: IBAT, 1A/div
CH2: VVSYS, 2V/div
CH3: VBAT, 2V/div
CH4: VCHGIN, 5V/div
TIME: 40ms/div
VCHGIN = 5V
VBAT = 3.97V
RVSYS = 47Ω
ACIN/CHGLEV = 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com