Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT8945A Datasheet(PDF) 37 Page - Active-Semi, Inc

Part # ACT8945A
Description  Advanced PMU for Atmel SAMA5D3 Series & SAM9 Series Processors
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8945A Datasheet(HTML) 37 Page - Active-Semi, Inc

Back Button ACT8945A Datasheet HTML 33Page - Active-Semi, Inc ACT8945A Datasheet HTML 34Page - Active-Semi, Inc ACT8945A Datasheet HTML 35Page - Active-Semi, Inc ACT8945A Datasheet HTML 36Page - Active-Semi, Inc ACT8945A Datasheet HTML 37Page - Active-Semi, Inc ACT8945A Datasheet HTML 38Page - Active-Semi, Inc ACT8945A Datasheet HTML 39Page - Active-Semi, Inc ACT8945A Datasheet HTML 40Page - Active-Semi, Inc ACT8945A Datasheet HTML 41Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 42 page
background image
ACT8945A
Rev 2, 11-Feb-14
- 37 -
www.active-semi.com
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I2CTM is a trademark of NXP.
Copyright © 2014 Active-Semi, Inc.
Innovative PowerTM
Active-Semi Proprietary―For Authorized Recipients and Customers
Figure 5:
Typical Li+ charge profile and ACT8945A charge states
A: PRECONDITION State
B: FAST-CHARGE State
C: TOP-OFF State
D: END-OF-CHARGE State
Figure 6:
Charger State Diagram
SUSPEND
PRECONDITION
FAST-CHARGE
END-OF-CHARGE
(VCHGIN < VBAT) OR (VCHGIN <VCHGIN UVLO)
OR (VCHGIN > VOVP) OR (SUSCHG[ ] = 1)
(VCHGIN > VBAT) AND (VCHGIN >VCHGIN UVLO)
AND (VCHGIN < VOVP) AND (SUSCHG[ ] = 0)
(VBAT > 2.85V) AND
(TQUAL = 32ms)
(VBAT = VTERM ) AND
(TQUAL = 32ms)
TEMP-FAULT
TOP-OFF
(IBAT < 10% x ICHG) OR (Total
Time-out) AND (TQUAL = 32ms)
Total Time-out
TEMP OK
ANY STATE
TEMP NOT OK
TIME-OUT-FAULT
PRECONDITION
Time-out
(VBAT < VTERM - 205mV )
AND (TQUAL = 32ms)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com