Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS332 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS332
Description  Micropower low-voltage, rail-to-rail comparators
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS332 Datasheet(HTML) 1 Page - STMicroelectronics

  TS332 Datasheet HTML 1Page - STMicroelectronics TS332 Datasheet HTML 2Page - STMicroelectronics TS332 Datasheet HTML 3Page - STMicroelectronics TS332 Datasheet HTML 4Page - STMicroelectronics TS332 Datasheet HTML 5Page - STMicroelectronics TS332 Datasheet HTML 6Page - STMicroelectronics TS332 Datasheet HTML 7Page - STMicroelectronics TS332 Datasheet HTML 8Page - STMicroelectronics TS332 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
This is information on a product in full production.
April 2013
DocID17272 Rev 4
1/27
27
TS331, TS332, TS334
Micropower low-voltage, rail-to-rail comparators
Datasheet
- production data
Features
• Supply operation from 1.6 V to 5 V
• Low current consumption: 20 μA
• Rail-to-rail inputs
• Wide temperature range: -40 °C to +125 °C
• Low output saturation voltage
• Low propagation delay: 210 ns
• Open-drain output
• ESD tolerance: 2 kV HBM/200 V MM
• SMD packages
• Automotive qualified
Applications
• Mobile phones
• Notebooks and PDAs
• Battery-supplied electronics
• General-purpose portable devices
• General-purpose low voltage applications
Description
The TS331, TS332 and TS334 are single, dual
and quad micropower and low-voltage
comparators. They can operate with a supply
voltage ranging from 1.6 V to 5 V with a typical
current consumption as low as 20
μA. In addition,
rail-to-rail inputs make them a perfect choice for
low-voltage applications.
Their availability in tiny packages is a real
advantage for overcoming space constraints.
The TS33x are specified for temperatures
between -40 °C to +125 °C, making them ideal for
a wide range of applications.
TS331 (single)
TS332 (dual)
TS334 (quad)
SOT23-5/SC70-5
DFN6 1.2x1.3
SO8
MiniSO8
SO14
TSSOP14
DFN8 2x2
QFN16 3x3
www.st.com


Similar Part No. - TS332

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS3320 STMICROELECTRONICS-TS3320 Datasheet
853Kb / 24P
Micropower high precision series voltage reference
04-Aug-2021
TS3325 STMICROELECTRONICS-TS3325 Datasheet
853Kb / 24P
Micropower high precision series voltage reference
04-Aug-2021
More results

Similar Description - TS332

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS861 STMICROELECTRONICS-TS861 Datasheet
304Kb / 15P
RAIL TO RAIL MICROPOWER BICMOS COMPARATORS
Feb-2002
logo
Maxim Integrated Produc...
MAX985 MAXIM-MAX985 Datasheet
453Kb / 13P
Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 3; 9/02
MAX987 MAXIM-MAX987 Datasheet
141Kb / 12P
High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 0b; 7/97
logo
STMicroelectronics
TS3022 STMICROELECTRONICS-TS3022 Datasheet
27Kb / 1P
Rail-to-Rail 1.8V High-Speed Micropower Comparators
Jan-2005
logo
Maxim Integrated Produc...
MAX985 MAXIM-MAX985_07 Datasheet
342Kb / 13P
Micropower, Low-Voltage, UCSP/SC70, Rail-to-Rail I/O Comparators
Rev 4; 1/07
MAX987 MAXIM-MAX987_07 Datasheet
329Kb / 13P
High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 2; 1/07
MAX985_V5 MAXIM-MAX985_V5 Datasheet
309Kb / 12P
Micropower, Low-Voltage, UCSP/SC70, Rail-to-Rail I/O Comparators
Rev 5; 4/12
MAX985 MAXIM-MAX985_12 Datasheet
369Kb / 12P
Micropower, Low-Voltage, UCSP/SC70, Rail-to-Rail I/O Comparators
Rev 6; 8/12
logo
STMicroelectronics
TS861IN STMICROELECTRONICS-TS861IN Datasheet
472Kb / 19P
Rail-to-rail micropower BiCMOS comparators
06-Nov-2012
logo
Maxim Integrated Produc...
MAX987EUK MAXIM-MAX987EUK Datasheet
329Kb / 13P
High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail IO Comparators
Rev 2; 1/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com