Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS332 Datasheet(PDF) 26 Page - STMicroelectronics

Part # TS332
Description  Micropower low-voltage, rail-to-rail comparators
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS332 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button TS332 Datasheet HTML 19Page - STMicroelectronics TS332 Datasheet HTML 20Page - STMicroelectronics TS332 Datasheet HTML 21Page - STMicroelectronics TS332 Datasheet HTML 22Page - STMicroelectronics TS332 Datasheet HTML 23Page - STMicroelectronics TS332 Datasheet HTML 24Page - STMicroelectronics TS332 Datasheet HTML 25Page - STMicroelectronics TS332 Datasheet HTML 26Page - STMicroelectronics TS332 Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 26 / 27 page
background image
Revision history
TS331, TS332, TS334
26/27
DocID17272 Rev 4
6
Revision history
Table 16. Document revision history
Date
Revision
Changes
29-Mar-2010
1
Initial release.
01-Dec-2011
2
– Added TS332 and TS334 devices.
– Added Vout parameter in Table 1: Absolute maximum ratings.
– Removed note "The magnitude of input and output voltages
must never exceed the supply rail ±0.3 V." from Table 1.
– Removed note "All values over the temperature range are
guaranteed through correlation and simulation. No production
tests have been performed at the temperature range limits."
from Table 3, Table 4 and Table 5.
– Removed "Vicm = 0 V" from Test conditions column in Table 3,
Table 4 and Table 5.
– Modified minimal Isink value in Table 5.
29-Oct-2012
3
– Added DFN6 package for TS331
– Modified notes 3, 4, and 5 in Table 1
– Added Automotive grade order codes in Table 15
30-Apr-2013
4
– Added DFN8 2x2 and QFN16 3x3 silhouette, pinout, and
package information.
– Figure 1: updated pinout diagrams; added footnote 2.
– Table 1: updated Rthjc and Rthjc
– Table 3, Table 4, Table 5: updated symbol for input offset
voltage drift.
– Table 15: added order codes TS332IQ2T, TS334IQ4T, and
TS334IYDT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com