Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSM1012I Datasheet(PDF) 6 Page - STMicroelectronics

Part # TSM1012I
Description  LOW CONSUMPTION VOLTAGE AND CURRENT CONTROLLER FOR BATTERY CHARGERS AND ADAPTORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM1012I Datasheet(HTML) 6 Page - STMicroelectronics

  TSM1012I Datasheet HTML 1Page - STMicroelectronics TSM1012I Datasheet HTML 2Page - STMicroelectronics TSM1012I Datasheet HTML 3Page - STMicroelectronics TSM1012I Datasheet HTML 4Page - STMicroelectronics TSM1012I Datasheet HTML 5Page - STMicroelectronics TSM1012I Datasheet HTML 6Page - STMicroelectronics TSM1012I Datasheet HTML 7Page - STMicroelectronics TSM1012I Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
TSM1012
6/8
The current-control trans-conductance operation-
al amplifier can be fully compensated. Both of its
output and negative input are directly accessible
for external compensation components.
An example of a suitable compensation network is
shown in Fig.2. It consists of a capacitor
Cic1=2.2nF and a resistor Ric1=22K
Ω in series.
3. Start Up and Short Circuit Conditions
Under start-up or short-circuit conditions the
TSM1012 is not provided with a high enough sup-
ply voltage. This is due to the fact that the chip has
its power supply line in common with the power
supply line of the system.
Therefore, the current limitation can only be en-
sured by the primary PWM module, which should
be chosen accordingly.
If the primary current limitation is considered not to
be precise enough for the application, then a suffi-
cient supply for the TSM1012 has to be ensured
under any condition. It would then be necessary to
add some circuitry to supply the chip with a sepa-
rate power line. This can be achieved in numerous
ways, including an additional winding on the trans-
former.
4. Voltage clamp
The following schematic shows how to realize a
low-cost power supply for the TSM1012 (with no
additional windings).Please pay attention to the
fact that in the particular case presented here, this
low-cost power supply can reach voltages as high
as twice the voltage of the regulated line. Since
the Absolute Maximum Rating of the TSM1012
supply voltage is 28V. In the aim to protect he
TSM1012 against such how voltage values a in-
ternal zener clamp is integrated.
Rlimit = (Vcc-Vz)Ivz
Figure 4 : Clamp voltage
Figure 5 :
Vz
28V
Vcc
Rlimit
cc
Ivz
TSM1012
Rsense
C2
R2
R1
C1
C3
optocoupler
secondary side
Cic1
2,2nF
Cvc1
2,2nF
Ric1
22K
Rvc1
22K
Rlimit
R4
R5
R3
D1
D2
OUT+
OUT-
Ric2
1K
PWM
controller
optocoupler
primary side
TSM1012
28V
Vref
Vcc
CC
CC-
CC+
Gnd
CV
CV-
CV+
Out
1,25V
3
4
8
5
1
7
2
6
C4
47nF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com