Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSM1012I Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSM1012I
Description  LOW CONSUMPTION VOLTAGE AND CURRENT CONTROLLER FOR BATTERY CHARGERS AND ADAPTORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM1012I Datasheet(HTML) 1 Page - STMicroelectronics

  TSM1012I Datasheet HTML 1Page - STMicroelectronics TSM1012I Datasheet HTML 2Page - STMicroelectronics TSM1012I Datasheet HTML 3Page - STMicroelectronics TSM1012I Datasheet HTML 4Page - STMicroelectronics TSM1012I Datasheet HTML 5Page - STMicroelectronics TSM1012I Datasheet HTML 6Page - STMicroelectronics TSM1012I Datasheet HTML 7Page - STMicroelectronics TSM1012I Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
s CONSTANT VOLTAGE AND CONSTANT
CURRENT CONTROL
s LOW CONSUMPTION
s LOW VOLTAGE OPERATION
s LOW EXTERNAL COMPONENT COUNT
s CURRENT SINK OUTPUT STAGE
s EASY COMPENSATION
s HIGH AC MAINS VOLTAGE REJECTION
VOLTAGE REFERENCE
s FIXED OUTPUT VOLTAGE REFERENCE
1.25V
s 0.5% AND 1% VOLTAGE PRECISION
DESCRIPTION
TSM1012 is a highly integrated solution for SMPS
applications requiring CV (constant voltage) and
CC (constant current) mode.
TSM1012 integrates one voltage reference and
two operational amplifiers (with ORed outputs -
common collectors).
The
voltage
reference
combined
with
one
operational amplifier makes it an ideal voltage
controller. The other operational, combined with
few external resistors and the voltage reference,
can be used as a current limiter.
APPLICATIONS
s ADAPTERS
s BATTERY CHARGERS
ORDER CODE
D = Small Outline Package (SO) - also available in Tape & Reel (DT
S = Small Outline Package (MiniSO8) - also available in Tape & Reel (ST)
PIN CONNECTIONS (top view)
Part
Number
Temperature
Range
Package Vref
Marking
SD
%
TSM1012I
-40 to 105°C
•
1
M1012
TSM1012AI
-40 to 105°C
•
0.5
M1012A
TSM1012I
-40 to 105°C
•
1M804
TSM1012AI
-40 to 105°C
•
0.5
M805
D
SO-8
(Plastic Package)
S
MiniSO-8
(Plastic Micropackage)
1
28V
Vref
Vcc
CC
CC-
CC+
Gnd
CV
CV-
CV+
Out
1,25V
2
3
45
6
7
8
February 2004
TSM1012
LOW CONSUMPTION VOLTAGE AND CURRENT
CONTROLLER FOR BATTERY CHARGERS AND ADAPTORS


Similar Part No. - TSM1012I

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSM1012I STMICROELECTRONICS-TSM1012I Datasheet
114Kb / 8P
LOW CONSUMPTION VOLTAGE AND CURRENT CONTROLLER FOR BATTERY CHARGERS AND ADAPTORS
Feb-2004
TSM1012I STMICROELECTRONICS-TSM1012I Datasheet
125Kb / 8P
LOW CONSUMPTION VOLTAGE AND CURRENT CONTROLLER FOR BATTERY CHARGERS AND ADAPTORS
Feb-2004
TSM1012IDT STMICROELECTRONICS-TSM1012IDT Datasheet
125Kb / 8P
LOW CONSUMPTION VOLTAGE AND CURRENT CONTROLLER FOR BATTERY CHARGERS AND ADAPTORS
Feb-2004
More results

Similar Description - TSM1012I

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSM105 STMICROELECTRONICS-TSM105 Datasheet
95Kb / 9P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS AND ADAPTORS
Sep-2001
TSM1051 STMICROELECTRONICS-TSM1051 Datasheet
108Kb / 9P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS AND ADAPTORS
Jan-2002
TSM1012 STMICROELECTRONICS-TSM1012 Datasheet
114Kb / 8P
LOW CONSUMPTION VOLTAGE AND CURRENT CONTROLLER FOR BATTERY CHARGERS AND ADAPTORS
Feb-2004
TSM1013 STMICROELECTRONICS-TSM1013 Datasheet
113Kb / 8P
Constant Voltage and Constant Current Controller for Battery Chargers and Adaptors
Feb-2004
logo
Rohm
BD6550G ROHM-BD6550G Datasheet
199Kb / 6P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS AND ADAPTORS
logo
STMicroelectronics
TSM1014 STMICROELECTRONICS-TSM1014 Datasheet
142Kb / 10P
Low Consumption Voltage and Current Controller for Battery Chargers and Adaptors
Jul-2004
logo
IK Semicon Co., Ltd
IK3051 IKSEMICON-IK3051 Datasheet
298Kb / 5P
Constant Voltage and Constant Current Controller for Adaptors and Battery Chargers
IK3051A IKSEMICON-IK3051A Datasheet
292Kb / 5P
Constant Voltage and Constant Current Controller for Adaptors and Battery Chargers
IK3052 IKSEMICON-IK3052 Datasheet
147Kb / 4P
Constant Voltage and Constant Current Controller for Adaptors and Battery Chargers
logo
STMicroelectronics
TSM1012IDT STMICROELECTRONICS-TSM1012IDT Datasheet
125Kb / 8P
LOW CONSUMPTION VOLTAGE AND CURRENT CONTROLLER FOR BATTERY CHARGERS AND ADAPTORS
Feb-2004
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com