Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXG25 Datasheet(PDF) 110 Page - List of Unclassifed Manufacturers

Part # AXG25
Description  E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXG25 Datasheet(HTML) 110 Page - List of Unclassifed Manufacturers

Back Button AXG25 Datasheet HTML 106Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 107Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 108Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 109Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 110Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 111Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 112Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 113Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 114Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 122 page
background image
PART NO. YY1000-55
ACCESSORIES
Model Y1000-5 insulated housing for Y splicing, has built-in strain relief. .215”/.250” diameter cable may be adapted to various size cables. One to five outlets
.070”/.080” diameter lead exit holes accommodate 22 or 20 AWG insulated lead wire.
Construction: Two-piece body molded of durable nylon. Completely field serviceable.
Color: Black.
TEST CCABLE W
WALL BBRACKETS
Sturdy wall-mount brackets with deep slots hold test leads and cables for easy selection.
Part No.
Description
M-2218-((color)
For RG59C/U Cable
Part No.
Description
M-1187-((color)
For RG58C/U Cable
Part No.
Description
M-1100-((color)
For RG174/U Cable
COLOR-CCODING BBANDS
Package of 10 or 100 snap-on bands for color-coding coaxial cables. Available in 3 sizes to fit RG174/U cable (.100” (2.54mm) I.D.), RG58C/U cable
(.187” (4.7mm) I.D.), and RG59/U cable (.218” (5.5mm) I.D.).
Color: Available in 10 Colors.
Part No.
Description
WB6
6-Slot Wall Bracket
Small six-slot wall bracket
for holding test leads and
cables.
Color: Blue
Part No.
Description
WB14
13-Slot Wall Bracket
Large 13-slot wall bracket for
holding test leads and cables.
Three distinct slot widths for
various gauge cables.
Color: Blue
WB14 Dimensions:
3.00”High x 11.875”Wide
Fingers protrude 3.43”
4 slots are .25” wide, 5 slots are .375”
wide, and 4 slots are .500” wide
Mounting holes are on 10.625” centers
107
WB6 Dimensions:
3.00”High x 5.00”Wide
Fingers protrude 3.43”
Slots are .25” wide
Mounting holes are on
3.75” centers
Orrderr DDesk: 11 ((800) 9995-HHOOK
10.625”
3.43”
3.0”
11.875”
.375”
x 5
.500”
x 4
.250”
x 4
3.75”
3.0”
.25”
x 6
5.00”
3.43”
WB6
WB14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com