Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXG25 Datasheet(PDF) 92 Page - List of Unclassifed Manufacturers

Part # AXG25
Description  E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXG25 Datasheet(HTML) 92 Page - List of Unclassifed Manufacturers

Back Button AXG25 Datasheet HTML 88Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 89Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 90Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 91Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 92Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 93Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 94Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 95Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 96Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 122 page
background image
Red Center
Red Center
X100W AAND XX100W2 M
MINI-HHOOK AADAPTER
BNC Female: Tarnish resistant plated brass body. Silver plated beryllium copper center
contact. Connector is housed in a molded nylon handle.
Wire: 20 AWG 105 x 40 tinned copper PVC insulation .080” O.D.
Mini-Hook: See Part No. X100W or X100W2
XR M
MINI-HHOOK AADAPTER
BNC Female: Tarnish resistant plated brass body. Silver plated beryllium copper center
contact. Connector is housed in a molded nylon handle.
Wire: 20 AWG 105 x 40 tinned copper PVC insulation .080” O.D.
Mini-Hook: See Part No. XR
XL1 AAND XXL2 M
MINI-HHOOK AADAPTER
BNC Female: Tarnish resistant plated brass body. Silver plated beryllium copper center
contact. Connector is housed in a molded nylon handle.
Wire: 20 AWG 105 x 40 tinned copper PVC insulation .080” O.D.
Mini-Hook: See Part No. XL1 or XL2
XM M
MICRO-HHOOK AADAPTER
BNC Female: Tarnish resistant plated brass body. Silver plated beryllium copper center
contact. Connector is housed in a molded nylon handle.
Wire: 20 AWG 105 x 40 tinned copper PVC insulation .080” O.D.
Micro-Hook: See Part No. XM
STACKING SSTANDARD BBANANA PPLUG W
WITH HHEAVY LLEAD W
WIRE
ADAPTER
BNC Female: Tarnish resistant plated brass body. Silver plated beryllium copper
center contact. Connector is housed in a molded nylon handle
Wire: 18 AWG 65 x 36 tinned copper PVC insulation .144” O.D.
Stacking Standard Banana Plug: Part No. 9260. Nickel-plated brass body. Phosphor
bronze spring. Plastic handle. Snap together solderless assembly.
XHL M
MACRO-HHOOK AADAPTER
BNC Female: Tarnish resistant plated brass body. Silver plated beryllium copper
center contact. Connector is housed in a molded nylon handle
Wire: 18 AWG 65 x 36 tinned copper PVC insulation .144” O.D.
Macro-Hook: See Part No. XH and XHL
STACKING M
MINIATURE BBANANA PPLUG AADAPTER
BNC Female: Tarnish resistant plated brass body. Silver plated beryllium copper center
contact. Connector is housed in a molded nylon handle.
Wire: 20 AWG 105 x 40 tinned copper PVC insulation .080” O.D.
Stacking Miniature Banana Plug: Part No. 9261. Nickel-plated phosphor bronze body.
Nickel-plated brass socket. Beryllium copper spring. Plastic handle. Solderless assembly.
DOUBLE G
GRIPPER AADAPTER
BNC Female: Tarnish resistant plated brass body. Silver plated beryllium copper
center contact. Connector is housed in a molded nylon handle.
Wire: 20 AWG 105 x 40 tinned copper PVC insulation .080” O.D.
Micro-Hook: See Part No. XK
Black Ground
Red Center
Black Ground
Red Center
Black Ground
Red Center
Black Ground
Red Center
Black Ground
Red Center
Black Ground
Black Ground
Red Center
Black Ground
BNC BBREAKOUTS
89
Orrderr DDesk: 11 ((800) 9995-HHOOK
Part No.
1001
Part No.
1001W2
Part No.
1001XHL
Part No.
1001XM
Part No.
1001XK
Part No.
1006M
Part No.
1001XL1
Part No.
1001XL2
Part No.
1002
Part No.
1001XR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com