Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXG25 Datasheet(PDF) 94 Page - List of Unclassifed Manufacturers

Part # AXG25
Description  E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXG25 Datasheet(HTML) 94 Page - List of Unclassifed Manufacturers

Back Button AXG25 Datasheet HTML 90Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 91Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 92Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 93Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 94Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 95Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 96Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 97Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 98Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 122 page
background image
X100W AAND XX100W2 M
MINI-HHOOK AADAPTER
BNC Male: Tarnish resistant plated brass body and fitting. Male center and outer
contacts are silver plated. Connector is housed in a molded nylon black handle.
Wire: 20 AWG 105 x 40 tinned copper PVC insulation .080” O.D.
Mini-Hook: See Part No. X100W or X100W2
BNC Male: Tarnish resistant plated brass body and fitting. Male center and outer
contacts are silver plated. Connector is housed in a molded nylon black handle
Wire: 18 AWG 65 x 36 tinned copper PVC insulation .144” O.D.
Macro-Hook: See Part No. XH and XHL
XHL M
MACRO-HHOOK AADAPTER
BNC Male: Tarnish resistant plated brass body and fitting. Male center and outer
contacts are silver plated. Connector is housed in a molded nylon black handle.
Wire: 20 AWG 105 x 40 tinned copper PVC insulation .080” O.D.
Micro-Hook: See Part No. XM
XM M
MICRO-HHOOK AADAPTER
BNC Male: Tarnish resistant plated brass body and fitting. Male center and outer
contacts are silver plated. Connector is housed in a molded nylon black handle.
Wire: 20 AWG 105 x 40 tinned copper PVC insulation .080” O.D.
Micro-Hook: See Part No. XK
DOUBLE G
GRIPPER AADAPTER
BNC FFEMALE TTO LLEAD O
ONLY, 220 AAWG
BNC Female: Tarnish resistant plated brass body. Silver plated beryllium copper
center contact. Connector is housed in a molded nylon handle.
Wire: 20 AWG 105 x 40 tinned copper PVC insulation .080” O.D.
BNC Female: Tarnish resistant plated brass body. Silver plated beryllium copper
center contact. Connector is housed in a molded nylon handle
Wire: 18 AWG 65 x 36 tinned copper PVC insulation .144” O.D.
BNC FFEMALE TTO LLEAD O
ONLY, 118 AAWG
BNC FFEMALE TTO ..250” SSPADE LLUG AADAPTER
BNC Female: Tarnish resistant plated brass body. Silver plated beryllium copper center
contact. Connector is housed in a molded nylon handle
Wire: 18 AWG 65 x 36 tinned copper PVC insulation .144” O.D.
.250” Spade Lug: Part No. 9208. Plastic handle. .050”(1.27mm) thick nickel plated
brass lug. Solder assembly.
BNC FFEMALE TTO ..140” IINSULATED SSPADE LLUG AADAPTER
BNC Female: Tarnish resistant plated brass body. Silver plated beryllium copper center
contact. Connector is housed in a molded nylon handle.
Wire: 20 AWG 105 x 40 tinned copper PVC insulation .080” O.D.
.140” Spade Lug: Part No. 9209. Vinyl insulator. Tin plated copper lug. Crimp
Assembly.
BNC BBREAKOUTS
91
Orrderr DDesk: 11 ((800) 9995-HHOOK
Part No.
1007-66
Part No.
1015-FF
Part No.
1011-FF
Part No.
1007-225
Part No.
1010
Part No.
1010W2
Part No.
1010XHL
Part No.
1010XK
Part No.
1010XM
Black Ground
Red Center
Black Ground
Red Center
Black Ground
Red Center
Black Ground
Red Center
Black Ground
Red Center
Black Ground
Red Center
Black Ground
Red Center
Black Ground
Red Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com