Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXG25 Datasheet(PDF) 116 Page - List of Unclassifed Manufacturers

Part # AXG25
Description  E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXG25 Datasheet(HTML) 116 Page - List of Unclassifed Manufacturers

Back Button AXG25 Datasheet HTML 112Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 113Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 114Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 115Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 116Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 117Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 118Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 119Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 120Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 122 page
background image
Kit is packaged in a reusable zipper bag.
HOOK aand CCABLE AASSORTMENT KKIT 33511
Kit CComponents:
1 RG174 cable with BNC male to two .025” square socket leads;
48” long cable assembly (P/N 4034-48)
1 R/B set of P-25 hooks with .025” square pin
1 R/B set of XM-25 micro-hooks with .025” square pin
1 R/B set of XKM double grippers with .025” square pins
1 R/B set of XR-25 mini-hooks with .025” square pin
Part No.
Interface Description
3511
BNC Male 50 Ohm Connector
Each kit includes TWO of the
following hooks. (RED, BLACK)
x2
x2
x2
x2
TEST LLEAD KKIT 33516
Part No.
Interface Description
3516
Test Lead Kit
1 R/B set of leads with standard banana plug to standard
banana plug, 18 AWG, 48” long PVC (see p/n 9183-48)
1 R/B set of 610XHL-3 hooks
1 R/B set of pin tip test probes
1 R/B set of standard insulated alligator clips
E-ZZ-FFLEX ADAPTER KKITS
KIT NUMBER
COMPONENTS
9099-00316
16-piece full set includes 1 Red, 1 Black
of all 8 sockets and pins.
SOCKET Part No.
PIN Part No.
DIAMETER
9334
9338
.030" (.762mm)
9335
9339
.040” (1.02mm)
9336
9340
.062” (1.60mm)
9337
9341
.094” (2.36mm)
All 8 sockets and pins are available in colors red and black, and
can be purchased individually. All pin and socket test adapters
have a standard banana socket in the back.
Kit is packaged in a plastic box.
Refer to page 62 for more E-Z-Flex information.
Kit CComponents:
Kit is packaged in a reusable zipper bag.
113
Orrderr DDesk: 11 ((800) 9995-HHOOK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com