Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU21079F Datasheet(PDF) 21 Page - Rohm

Part # BU21079F
Description  Capacitive Switch Controller ICs
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU21079F Datasheet(HTML) 21 Page - Rohm

Back Button BU21079F Datasheet HTML 17Page - Rohm BU21079F Datasheet HTML 18Page - Rohm BU21079F Datasheet HTML 19Page - Rohm BU21079F Datasheet HTML 20Page - Rohm BU21079F Datasheet HTML 21Page - Rohm BU21079F Datasheet HTML 22Page - Rohm BU21079F Datasheet HTML 23Page - Rohm BU21079F Datasheet HTML 24Page - Rohm BU21079F Datasheet HTML 25Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
21/34
Datasheet
Datasheet
BU21079F
TSZ02201-0Y1Y0FZ00150-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
2013.09.25 Rev.001
www.rohm.com
TSZ22111・15・001
Timing Charts
●Host interface
2-wire serial bus.
Compatible with I2C protocol.
Supports slave mode only.
Slave Address = 0x5C
Supports Standard-mode (data transfer rate is 100 kbit/s) and Fast-mode (data transfer rate is 400 kbit/s).
Supports sequential read.
START
SDA
SCL
STOP
Address
R/W
ACK
ACK
ACK
Data
Data
Standard-mode
Fast-mode
Parameter
Symbol
MIN
MAX
MIN
MAX
Unit
Hold time (repeated) START condition
fSCL
0
100
0
400
kHz
LOW period of the SCL clock
tHD;STA
4.0
-
0.6
-
µsec
HIGH period of the SCL clock
tLOW
4.7
-
1.3
-
µsec
Data hold time
tHIGH
4.0
-
0.6
-
µsec
Data set-up time
tHD;DAT
0.1
3.45
0.1
0.9
µsec
Set-up time for a repeated START condition
tSU;DAT
0.25
-
0.1
-
µsec
Set-up time for STOP condition
tSU;STA
4.7
-
0.6
-
µsec
Bus free time between a STOP and START condition
tSU;STO
4.0
-
0.6
-
µsec
Hold time (repeated) START condition
tBUF
4.7
-
1.3
-
µsec
Fig 8. 2-wire serial bus timing chart
Fig 7. 2-wire serial bus data format
SDA
SCL
START
Address
ACK
Data
Data
ACK
STOP
NACK
/ ACK
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com