Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU21079F Datasheet(PDF) 9 Page - Rohm

Part # BU21079F
Description  Capacitive Switch Controller ICs
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU21079F Datasheet(HTML) 9 Page - Rohm

Back Button BU21079F Datasheet HTML 5Page - Rohm BU21079F Datasheet HTML 6Page - Rohm BU21079F Datasheet HTML 7Page - Rohm BU21079F Datasheet HTML 8Page - Rohm BU21079F Datasheet HTML 9Page - Rohm BU21079F Datasheet HTML 10Page - Rohm BU21079F Datasheet HTML 11Page - Rohm BU21079F Datasheet HTML 12Page - Rohm BU21079F Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
9/34
Datasheet
Datasheet
BU21079F
TSZ02201-0Y1Y0FZ00150-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
2013.09.25 Rev.001
www.rohm.com
TSZ22111・15・001
【0x11 : Sensor State】
Name:
SIN_STATE
Address:
0x11
Description:
This register indicates the state of each sensor.
1 : Switch-on.(Register “SIN” > Register “ON”)
0 : switch-off. (Register “SIN” < Register “OFF”)
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0x11
SIN7_STAT
SIN6_STAT
SIN5_STAT
SIN4_STAT
SIN3_STAT
SIN2_STAT
SIN1_STAT
SIN0_STAT
R/W
R
R
R
R
R
R
R
R
Initial val.
0
0
0
0
0
0
0
0
【0x13, 0x15 : Detection Switch-On】
Name:
DETECT_ON
Address:
0x13, 0x15
Description:
This register indicates the transition from Off state to On state of every switch.
Since SW 0-7 supports multiple presses, each switch has bit recognition. And the matrix key does
not support multiple detection, so matrix switch is indicated by 1 bit for ON detection (MAT) and 4
bits (KEY switch). Logical OR of each SW and MAT will be ONDET interrupt source register.
1: Detect On. 0: No detect.
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0x13
SW7_ON
SW6_ON
SW5_ON
SW4_ON
SW3_ON
SW2_ON
SW1_ON
SW0_ON
0x15
MAT_ON
-
-
-
KEY_ON[3]
KEY_ON[2]
KEY_ON[1]
KEY_ON[0]
R/W
R
R
R
R
R
R
R
R
Initial val.
0
0
0
0
0
0
0
0
【0x14 : Detection slider On】
Name:
DETECT_SLIDER_ON
Address:
0x14
Description:
SLIDER_ON: The value of this register is “1” when SLIDER is detected.
1: Detect On. 0: No detect.
SLIDER_CNT[6:0] : The detected amount of movement is shown in 2’s complement. The amount of
movement detected in order of SIN0→SIN1→SIN2→…→SIN7 is expressed by a positive value, and
the amount of the movement detected in a reverse order is expressed by a negative value. The
amount of the movement is 2 when center of gravity moves to the next sensor, and when center of
gravity comes between 2 sensors, the amount of the movement is 1. It loops when the range where the
detected amount of movement that can be shown is exceeded. The next of 63(0111111) become
-64(1000000).
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0x14
SLIDER_ON
SLIDER_
CNT[6]
SLIDER_
CNT[5]
SLIDER_
CNT[4]
SLIDER_
CNT[3]
SLIDER_
CNT[2]
SLIDER_
CNT[1]
SLIDER_
CNT[0]
R/W
R
R
R
R
R
R
R
R
Initial val.
0
0
0
0
0
0
0
0
【0x16, 0x18 : Detection Switch-Off】
Name:
DETECT_OFF
Address:
0x16, 0x18
Description:
This register indicates the transition from On state to Off state of every switch.
Since SW 0-7 supports multiple presses, each switch has bit recognition. And the matrix key does not
support multiple detection, so matrix switch is indicated by 1 bit for ON detection (MAT) and 4 bits (KEY
switch). Logical OR of each SW and MAT will be OFFDET interrupt source register.
1 : Detect Off. 0 : No detect.
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0x16
SW7_OFF
SW6_OFF
SW5_OFF
SW4_OFF
SW3_OFF
SW2_OFF
SW1_OFF
SW0_OFF
0x18
MAT_OFF
-
-
-
KEY _OFF[3]
KEY_OFF[2]
KEY _OFF[1]
KEY _OFF[0]
R/W
R
R
R
R
R
R
R
R
Initial val.
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com