Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-C87AT Datasheet(PDF) 13 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-C87AT
Description  Automotive High Precision DC Voltage Isolation Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-C87AT Datasheet(HTML) 13 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPL-C87AT Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-C87AT Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-C87AT Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-C87AT Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPL-C87AT Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACPL-C87AT Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ACPL-C87AT Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ACPL-C87AT Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED ACPL-C87AT Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
Designing the input resistor divider
1. Choose the sensing current (Isense) for bus voltage. E.g., 1 mA
2. Determine R2,
R2 =
=
Voltage input range
ISENSE
= 2 kΩ
2 V
1 mA
R1 =
(V+ – V-) • R2
Voltage input range – R2
R1 =
(600 V – 0 V) • 2 kΩ
2 V
– 2 kΩ = 598 kΩ
(V+ – V-) •
R2
R1 + R2
= Voltage input range, or
3. Determine R1 using voltage divider formula:
R2 =
=
Voltage input range
ISENSE
= 2 kΩ
2 V
1 mA
R1 =
(V+ – V-) • R2
Voltage input range – R2
R1 =
(600 V – 0 V) • 2 kΩ
2 V
– 2 kΩ = 598 kΩ
(V+ – V-) •
R2
R1 + R2
= Voltage input range, or
where (V+ – V-) is the high voltage input , E.g.: 0 to 600 V,
R2 =
=
Voltage input range
ISENSE
= 2 kΩ
2 V
1 mA
R1 =
(V+ – V-) • R2
Voltage input range – R2
R1 =
(600 V – 0 V) • 2 kΩ
2 V
– 2 kΩ = 598 kΩ
(V+ – V-) •
R2
R1 + R2
= Voltage input range, or
To reduce the voltage stress of a sole resistor, R1 can be a series of several resistors.
Post Amplifier Circuit
The output of ACPL-C87AT/BT is a differential output
(VOUT+ and VOUT- pins). A post amplifier circuit is needed
to convert the differential output to single ended output
with a reference ground. The post amplifier circuit can
also be configured to establish a desired gain if needed.
It also functions as filter to high frequency chopper
noise. The bandwidth can be adjusted by changing the
feedback resistor and capacitor (R7 and C7). Adjusting this
bandwidth to a minimum level helps minimize the output
noise.
Post op-amp resistive loading (R4, R5) should be equal
or greater than 20 k
W (Figure 31). Resistor values lower
than this can affect the overall system error due to output
impedance of isolation amplifier.
The application circuit in Figure 28 features two op-amps
to improve the linearity at voltage near 0 V caused by the
limited headroom of the amplifier. The second op-amp
can set the reference voltage to above 0 V.
Shutdown Function
ACPL-C87AT/BT has a shutdown function to disable the
device and make the output (VOUT+ - VOUT-) low. A voltage
of 5V on SHDN pin will shutdown the device producing an
output (VOUT+ - VOUT-) of -2.6 V. To be able to control the
SHDN function (example, from microprocessor), an opto-
coupler (ACPL-M49T) is used.
Total System Error
Total system error is the sum of the resistor divider error,
isolation amplifier error and post amplifier error. The
resistor divider error is due to the accuracy of the resistors
used. It is recommended to use high accuracy resistor of
0.1%. Post Amplifier Error is due to the resistor matching
and the voltage offset characteristic which can be found
on the supplier datasheet.
Isolation Amplifier Error is shown in the table below:
Isolation Amplifier Error Calculation
Typical
3
s distribution or specification *
Fig
ACPL-C87AT
ACPL-C87BT
A Error due to offset voltage (25 °C)
0.015% 0.5%
0.5%
Offset Voltage /Recommended
input voltage range (2.0 V)
specs
B Error due to offset voltage drift
(across temperature)
0.1%
0.4%
0.4%
Offset Voltage /Recommended
input voltage range (2.0 V)
C Error due to gain tolerance (25 °C)
0%
1%
0.5%
specs
D Error due to gain drift (across temperature)
0.25%
0.8%
0.8%
E Error due to Nonlinearity (across temperature) 0.05%
0.12%
0.12%
F
Total uncalibrated error (A+B+C+D+E)
0.415% 2.82%
2.32%
specs
G
Total offset calibrated error (F – A)
0.4%
2.32%
1.82%
H
Total gain and offset calibrated error (G – C)
0.4%
1.32%
1.32%
* 3
s distribution is based on corner wafers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com