Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-C87AT Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-C87AT
Description  Automotive High Precision DC Voltage Isolation Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-C87AT Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-C87AT Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-C87AT Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-C87AT Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-C87AT Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-C87AT Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-C87AT Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-C87AT Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-C87AT Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-C87AT Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
Figure 2. Functional Diagram 2
VDD1
VDD2
GND1
GND2
SHDN
VIN
VOUT+
VOUT-
0 − 2 V
0 − 2 V
VOUT= VOUT+−VOUT-
VIN
Isolation
Figure 3. Typical Voltage Sensing Circuit
Figure 4. Package Pinout
1
2
3
4
8
7
6
5
VDD1
VIN
SHDN
GND1
VDD2
VOUT+
VOUT-
GND2
Pin Description
Pin No. Pin Name
Description
Pin No. Pin Name
Description
1
VDD1
Input power supply
When VDD1 = 0, then VOUT+ = 0 V, VOUT- = 2.6 V
8
VDD2
Output power supply
2
VIN
Voltage input, Full scale Range = 2.46 V
7
VOUT+
Positive output voltage
3
SHDN
Shutdown (Active High)
When active, then VOUT+ = 0 V, VOUT- = 2.6 V
6
VOUT-
Negative output voltage
4
GND1
Input Side Ground
5
GND2
Output Side Ground
Functional Diagram (Cont.)
MEV1S1505DC
V+
V-
M
Gate
Driver
Gate
Driver
15 V
5 V
IN OUT
R1
R2
39
Ω
0.1
µF
10 nF
5 V
0.1
µF
R5 20 k
Ω
R4 20 k
Ω
20 k
Ω
20 k
Ω
1 nF
VOUT
ACPL-C87AT/BT
1 nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com