Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACST410-8FP Datasheet(PDF) 1 Page - STMicroelectronics

Part # ACST410-8FP
Description  Overvoltage protected AC switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACST410-8FP Datasheet(HTML) 1 Page - STMicroelectronics

  ACST410-8FP Datasheet HTML 1Page - STMicroelectronics ACST410-8FP Datasheet HTML 2Page - STMicroelectronics ACST410-8FP Datasheet HTML 3Page - STMicroelectronics ACST410-8FP Datasheet HTML 4Page - STMicroelectronics ACST410-8FP Datasheet HTML 5Page - STMicroelectronics ACST410-8FP Datasheet HTML 6Page - STMicroelectronics ACST410-8FP Datasheet HTML 7Page - STMicroelectronics ACST410-8FP Datasheet HTML 8Page - STMicroelectronics ACST410-8FP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
December 2009
Doc ID 8766 Rev 5
1/13
13
ACST4
Overvoltage protected AC switch
Features
■ Triac with overvoltage protection
■ Low IGT (<10 mA) or high immunity
(IGT<35 mA) version
■ High noise immunity: static dV/dt > 1000 V/µs
■ TO-220FPAB insulated package: 1500 V rms
Benefits
■ Enables equipment to meet IEC 61000-4-5
■ High off-state reliability with planar technology
■ Needs no external overvoltage protection
■ Reduces the power passive component count
■ High immunity against fast transients
described in IEC 61000-4-4 standards
Applications
■ AC mains static switching in appliance and
industrial control systems
■ Drive of medium power AC loads such as:
– Universal motor of washing machine drum
– Compressor for fridge or air conditioner
Description
The ACST4 series belongs to the ACS™/ACST
power switch family built with A.S.D.® (application
specific discrete) technology. This high
performance device is suited to home appliances
or industrial systems, and drives loads up to 4 A.
This ACST4 switch embeds a Triac structure and
a high voltage clamping device able to absorb the
inductive turn-off energy and withstand line
transients such as those described in the
IEC 61000-4-5 standards. The ACST410 needs
only a low gate current to be activated (IGT < 10
mA) and still shows a high noise immunity
complying with IEC standards such as
IEC 61000-4-4 (fast transient burst test).
Figure 1.
Functional diagram
TM: ACS is a trademark of STMicroelectronics.
®: A.S.D. is a registered trademark of
STMicroelectronics
Table 1.
Device summary
Symbol
Value
Unit
IT(RMS)
4A
VDRM/VRRM
800
V
IGT (ACST410)
10
mA
IGT (ACST435)
35
mA
OUT
COM
G
TO-220FPAB
ACST410-8FP
ACST435-8FP
DPAK
ACST410-8B
ACST435-8B
G
OUT
COM
G
COM
OUT
www.st.com


Similar Part No. - ACST410-8FP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ACST410-8FP STMICROELECTRONICS-ACST410-8FP Datasheet
159Kb / 13P
Overvoltage protected AC switch
18-Dec-2009
More results

Similar Description - ACST410-8FP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ACST6 STMICROELECTRONICS-ACST6_09 Datasheet
184Kb / 15P
Overvoltage protected AC switch
18-Dec-2009
ACST8 STMICROELECTRONICS-ACST8_09 Datasheet
172Kb / 13P
Overvoltage protected AC switch
18-Dec-2009
ACST1010-7FP STMICROELECTRONICS-ACST1010-7FP Datasheet
168Kb / 13P
Overvoltage protected AC switch
01-Jul-2010
ACST1035-7FP STMICROELECTRONICS-ACST1035-7FP Datasheet
153Kb / 13P
Overvoltage protected AC switch
01-Jul-2010
ACST1210-7G STMICROELECTRONICS-ACST1210-7G Datasheet
163Kb / 13P
Overvoltage protected AC switch
07-Dec-2010
ACST210-8FP STMICROELECTRONICS-ACST210-8FP Datasheet
170Kb / 13P
Overvoltage protected AC switch
01-Jul-2010
ACST410-8BTR STMICROELECTRONICS-ACST410-8BTR Datasheet
159Kb / 13P
Overvoltage protected AC switch
18-Dec-2009
ACST1010-7T STMICROELECTRONICS-ACST1010-7T Datasheet
168Kb / 13P
Overvoltage protected AC switch
01-Jul-2010
ACST210-8BTR STMICROELECTRONICS-ACST210-8BTR Datasheet
289Kb / 13P
Overvoltage protected AC switch
24-May-2014
ACST310-8FP STMICROELECTRONICS-ACST310-8FP Datasheet
310Kb / 14P
Overvoltage protected AC switch
10-Jul-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com