Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACST410-8FP Datasheet(PDF) 4 Page - STMicroelectronics

Part # ACST410-8FP
Description  Overvoltage protected AC switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACST410-8FP Datasheet(HTML) 4 Page - STMicroelectronics

  ACST410-8FP Datasheet HTML 1Page - STMicroelectronics ACST410-8FP Datasheet HTML 2Page - STMicroelectronics ACST410-8FP Datasheet HTML 3Page - STMicroelectronics ACST410-8FP Datasheet HTML 4Page - STMicroelectronics ACST410-8FP Datasheet HTML 5Page - STMicroelectronics ACST410-8FP Datasheet HTML 6Page - STMicroelectronics ACST410-8FP Datasheet HTML 7Page - STMicroelectronics ACST410-8FP Datasheet HTML 8Page - STMicroelectronics ACST410-8FP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Characteristics
ASCT4
4/13
Doc ID 8766 Rev 5
Figure 4.
On-state rms current versus
ambient temperature (free air
convection, full cycle)
Figure 5.
Relative variation of thermal
impedance versus pulse duration
Figure 6.
Relative variation of gate trigger
current (IGT) and voltage (VGT)
versus junction temperature
Figure 7.
Relative variation of holding
current (IH) and latching current (IL)
versus junction temperature
Figure 8.
Surge peak on-state current
versus number of cycles
Figure 9.
Non repetitive surge peak on-state
current and corresponding value of
I2t versus sinusoidal pulse width
IT(RMS)(A)
0.0
0.5
1.0
1.5
2.0
0
25
50
75
100
125
α=180°
TO-220FPAB
DPAK with copper
surface = 0.5 cm2
Ta(°C)
K = [Zth / Rth]
1.0E-02
1.0E-01
1.0E+00
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
1.0E+02
1.0E+03
Z
th(j-a)
Z
th(j-c)
TO-220FPAB
DPAK
Tp(s)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-50
-25
0
25
50
75
100
125
IGT Q3
IGT Q1-Q2
V
Q1-Q2-Q3
GT
IGT,VGT[Tj] / IGT,VGT[Tj = 25 °C]
(typical values)
Tj(°C)
0.0
0.5
1.0
1.5
2.0
2.5
-50
-25
0
25
50
75
100
125
IH,IL[Tj] / IH,IL[Tj = 25 °C]
Tj(°C)
IH
IL
(typical values)
ITSM(A)
0
5
10
15
20
25
30
35
1
10
100
1000
Non repetitive
T
j initial=25 °C
One cycle
t=20ms
Repetitive
T
C=102°C
Number of cycles
1
10
100
1000
0.01
0.10
1.00
10.00
t (ms)
p
ITSM(A), I²t (A²s)
dl /dt limitation: 100 A / µs
Tj initial = 25 °C
ITSM
I²t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com