| Electronic Components Datasheet Search |
|
ADSP-TS101S Datasheet(PDF) 7 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADSP-TS101S Datasheet(HTML) 7 Page - Analog Devices |
|
7 / 48 page ![]() ADSP-TS101S Rev. C | Page 7 of 48 | May 2009 Host Interface The ADSP-TS101S provides an easy and configurable interface between its external bus and host processors through the exter- nal port. To accommodate a variety of host processors, the host interface supports pipelined or slow protocols for accesses of the host as slave. Each protocol has programmable transmission parameters, such as idle cycles, pipe depth, and internal wait cycles. The host interface supports burst transactions initiated by a host processor. After the host issues the starting address of the burst and asserts the BRST signal, the DSP increments the address internally while the host continues to assert BRST. The host interface provides a deadlock recovery mechanism that enables a host to recover from deadlock situations involving the DSP. The BOFF signal provides the deadlock recovery mecha- nism. When the host asserts BOFF, the DSP backs off the current transaction and asserts HBG and relinquishes the exter- nal bus. The host can directly read or write the internal memory of the ADSP-TS101S, and it can access most of the DSP registers, including DMA control (TCB) registers. Vector interrupts sup- port efficient execution of host commands. Multiprocessor Interface The ADSP-TS101S offers powerful features tailored to multi- processing DSP systems through the external port and link ports. This multiprocessing capability provides highest band- width for interprocessor communication, including: • Up to eight DSPs on a common bus • On-chip arbitration for glueless multiprocessing • Link ports for point-to-point communication The external port and link ports provide integrated, glueless multiprocessing support. The external port supports a unified address space (see Figure 3) that enables direct interprocessor accesses of each ADSP-TS101S processor’s internal memory and registers. The DSP’s on-chip distributed bus arbitration logic provides simple, glueless connection for systems containing up to eight ADSP- TS101S processors and a host processor. Bus arbitration has a rotating priority. Bus lock supports indivisible read-modify- write sequences for semaphores. A bus fairness feature prevents one DSP from holding the external bus too long. The DSP’s four link ports provide a second path for interproces- sor communications with throughput of 1G bytes per second. The cluster bus provides 800M bytes per second throughput— with a total of 1.8G bytes per second interprocessor bandwidth. SDRAM Controller The SDRAM controller controls the ADSP-TS101S processor’s transfers of data to and from synchronous DRAM (SDRAM). The throughput is 32 or 64 bits per SCLK cycle using the exter- nal port and SDRAM control pins. The SDRAM interface provides a glueless interface with stan- dard SDRAMs—16M bit, 64M bit, 128M bit, and 256M bit. The DSP directly supports a maximum of 64M words 32 bits of SDRAM. The SDRAM interface is mapped in external memory in the DSP’s unified memory map. EPROM Interface The ADSP-TS101S can be configured to boot from external 8-bit EPROM at reset through the external port. An automatic process (which follows reset) loads a program from the EPROM into internal memory. This process uses 16 wait cycles for each read access. During booting, the BMS pin functions as the EPROM chip select signal. The EPROM boot procedure uses DMA Channel 0, which packs the bytes into 32-bit instructions. Applications can also access the EPROM (write flash memories) during normal operation through DMA. The EPROM or flash memory interface is not mapped in the DSP’s unified memory map. It is a byte address space limited to a maximum of 16M bytes (24 address bits). The EPROM or flash memory interface can be used after boot via a DMA. DMA CONTROLLER The ADSP-TS101S processor’s on-chip DMA controller, with 14 DMA channels, provides zero-overhead data transfers with- out processor intervention. The DMA controller operates independently and invisibly to the DSP’s core, enabling DMA operations to occur while the DSP’s core continues to execute program instructions. The DMA controller performs DMA transfers between: • Internal memory and external memory and memory- mapped peripherals • Internal memory of other DSPs on a common bus, a host processor, or link port I/O • External memory and external peripherals or link port I/O • External bus master and internal memory or link port I/O The DMA controller provides a number of additional features. The DMA controller supports flyby transfers. Flyby operations only occur through the external port (DMA Channel 0) and do not involve the DSP’s core. The DMA controller acts as a con- duit to transfer data from one external device to another through external memory. During a transaction, the DSP: • Relinquishes the external data bus • Outputs addresses, memory selects (MS1–0, MSSD, RAS, CAS, and SDWE) and the FLYBY, IOEN, and RD/WR strobes •Responds to ACK DMA chaining is also supported by the DMA controller. DMA chaining operations enable applications to automatically link one DMA transfer sequence to another for continuous trans- mission. The sequences can occur over different DMA channels and have different transmission attributes. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |