Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-TS101S Datasheet(PDF) 1 Page - Analog Devices

Part # ADSP-TS101S
Description  TigerSHARC Embedded Processor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-TS101S Datasheet(HTML) 1 Page - Analog Devices

  ADSP-TS101S Datasheet HTML 1Page - Analog Devices ADSP-TS101S Datasheet HTML 2Page - Analog Devices ADSP-TS101S Datasheet HTML 3Page - Analog Devices ADSP-TS101S Datasheet HTML 4Page - Analog Devices ADSP-TS101S Datasheet HTML 5Page - Analog Devices ADSP-TS101S Datasheet HTML 6Page - Analog Devices ADSP-TS101S Datasheet HTML 7Page - Analog Devices ADSP-TS101S Datasheet HTML 8Page - Analog Devices ADSP-TS101S Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
TigerSHARC and the TigerSHARC logo are registered trademarks of Analog Devices, Inc.
TigerSHARC
Embedded Processor
ADSP-TS101S
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O.Box 9106, Norwood, MA 02062-9106 U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2009 Analog Devices, Inc. All rights reserved.
FEATURES
300 MHz, 3.3 ns instruction cycle rate
6M bits of internal—on-chip—SRAM memory
19 mm × 19 mm (484-ball) or 27 mm × 27 mm
(625-ball) PBGA package
Dual computation blocks—each containing an ALU, a multi-
plier, a shifter, and a register file
Dual integer ALUs, providing data addressing and pointer
manipulation
Integrated I/O includes 14-channel DMA controller, external
port, 4 link ports, SDRAM controller, programmable flag
pins, 2 timers, and timer expired pin for system integration
1149.1 IEEE compliant JTAG test access port for on-chip
emulation
On-chip arbitration for glueless multiprocessing with up to
8 TigerSHARC processors on a bus
BENEFITS
Provides high performance Static Superscalar DSP opera-
tions, optimized for telecommunications infrastructure
and other large, demanding multiprocessor DSP
applications
Performs exceptionally well on DSP algorithm and I/O bench-
marks (see benchmarks in Table 1 and Table 2)
Supports low overhead DMA transfers between internal
memory, external memory, memory-mapped peripherals,
link ports, other DSPs (multiprocessor), and host
processors
Eases DSP programming through extremely flexible instruc-
tion set and high-level language-friendly DSP architecture
Enables scalable multiprocessing systems with low commu-
nications overhead
Figure 1. Functional Block Diagram
L1
3
8
L2
8
3
L3
3
8
INPUT FIFO
OUTPUT BUFFER
OUTPUT FIFO
HOST INTERFACE
MULTIPROCESSOR
INTERFACE
CLUSTER BUS
ARBITER
DATA
64
LINK
PORTS
JTAG PORT
SDRAM CONTROLLER
L0
EXTERNAL PORT
3
8
ADDR
32
CNTRL
6
M0 DATA
M1 ADDR
M1 DATA
M2 ADDR
M2 DATA
MEMORY
M2
64K × 32
AD
MEMORY
M1
64K × 32
AD
MEMORY
M0
64K × 32
AD
INTEGER
KALU
INTEGER
JALU
32
DATA ADDRESS GENERATION
IAB
PC
BTB
IRQ
ADDR
FETCH
PROGRAM SEQUENCER
Y
REGISTER
FILE
32 × 32
MULTIPLIER
ALU
SHIFTER
DAB
128
128
X
REGISTER
FILE
32 × 32
MULTIPLIER
ALU
SHIFTER
DAB
128
128
I/O ADDRESS
INTERNAL MEMORY
COMPUTATIONAL BLOCKS
I/O PROCESSOR
LINK PORT
CONTROLLER
CONTROL/
STATUS/
BUFFERS
DMA
CONTROLLER
CONTROL/
STATUS/
TCBs
256
32
256
DMA DATA
LINK DATA
DMA ADDRESS
32
128
32
128
32
128
32
32
32 × 32
32 × 32
M0 ADDR


Similar Part No. - ADSP-TS101S

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-TS101S AD-ADSP-TS101S Datasheet
827Kb / 44P
Embedded Processor
REV. A
ADSP-TS101S AD-ADSP-TS101S Datasheet
667Kb / 48P
TigerSHARC Embedded Processor
REV. B
ADSP-TS101SAB1-000 AD-ADSP-TS101SAB1-000 Datasheet
827Kb / 44P
Embedded Processor
REV. A
ADSP-TS101SAB1-000 AD-ADSP-TS101SAB1-000 Datasheet
685Kb / 48P
TigerSHARC Embedded Processor
REV. C
ADSP-TS101SAB1-100 AD-ADSP-TS101SAB1-100 Datasheet
827Kb / 44P
Embedded Processor
REV. A
More results

Similar Description - ADSP-TS101S

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-TS203S AD-ADSP-TS203S Datasheet
609Kb / 40P
TigerSHARC Embedded Processor
Dec-2003
ADSP-TS202S AD-ADSP-TS202S Datasheet
615Kb / 40P
TigerSHARC Embedded Processor
Dec-2003
ADSP-TS201S AD-ADSP-TS201S Datasheet
547Kb / 40P
TigerSHARC-R Embedded Processor
Dec-2003
ADSP-BF542 AD-ADSP-BF542 Datasheet
1Mb / 64P
Embedded Processor
Dec-2007
ADSP-TS202S AD-ADSP-TS202S_06 Datasheet
1Mb / 48P
TigerSHARC Embedded Processor
12/06-Rev. B to Rev. C
ADSP-BF542 AD-ADSP-BF542_07 Datasheet
3Mb / 68P
Embedded Processor
Apr-2007
ADSP-TS201S AD-ADSP-TS201S_06 Datasheet
1Mb / 48P
TigerSHARC-R Embedded Processor
12/06-Rev. B to Rev. C
ADSP-TS101S AD-ADSP-TS101S_09 Datasheet
685Kb / 48P
TigerSHARC Embedded Processor
REV. C
ADSP-2101BS-100 AD-ADSP-2101BS-100 Datasheet
667Kb / 48P
TigerSHARC Embedded Processor
REV. B
ADSP-TS101S AD-ADSP-TS101S_15 Datasheet
685Kb / 48P
TigerSHARC Embedded Processor
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com