Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCS215AM Datasheet(PDF) 4 Page - Rohm

Part # SCS215AM
Description  SiC Schottky Barrier Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SCS215AM Datasheet(HTML) 4 Page - Rohm

  SCS215AM Datasheet HTML 1Page - Rohm SCS215AM Datasheet HTML 2Page - Rohm SCS215AM Datasheet HTML 3Page - Rohm SCS215AM Datasheet HTML 4Page - Rohm SCS215AM Datasheet HTML 5Page - Rohm SCS215AM Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.rohm.com
© 2014 ROHM Co., Ltd. All rights reserved.
Data Sheet
SCS215AM
lElectrical characteristic curves
0.01
0.1
1
10
0.0001 0.001 0.01
0.1
1
10
100
1000
Ta=25ºC
Single Pulse
0
5
10
15
20
25
30
35
40
45
0
25
50
75
100
125
150
175
0
10
20
30
40
50
60
70
80
0
25
50
75
100
125
150
175
Duty=0.1
Duty=0.2
Duty=0.5
Duty=0.8
D.C.
0
20
40
60
80
0
5
10
15
20
25
Duty=0.1
Duty=0.2
Duty=0.5
Duty=0.8
D.C.
Fig.5 Thermal Resistance vs. Pulse Width
Pulse Width : Pw [s]
Fig.6 Power Dissipation
Case Temperature : Tc [ºC]
Fig.7 Ip-Tc Derating Curve
Case Temperature : Tc [ºC]
Fig.8 Io-Pf Characteristics
Average Rectified Forward Current : Io [A]
4/5
2014.01 - Rev.A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com