Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCS215AM Datasheet(PDF) 1 Page - Rohm

Part # SCS215AM
Description  SiC Schottky Barrier Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SCS215AM Datasheet(HTML) 1 Page - Rohm

  SCS215AM Datasheet HTML 1Page - Rohm SCS215AM Datasheet HTML 2Page - Rohm SCS215AM Datasheet HTML 3Page - Rohm SCS215AM Datasheet HTML 4Page - Rohm SCS215AM Datasheet HTML 5Page - Rohm SCS215AM Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Data Sheet
www.rohm.com
© 2014 ROHM Co., Ltd. All rights reserved.
SCS215AM
SiC Schottky Barrier Diode
*1 Tc=55°C *2 PW=8.3ms sinusoidal, Tj=25°C *3 PW=10ms square, Tj=25°C
*4 PW=8.3ms sinusoidal, Tj=150°C *5 Tc=100°C, Tj=150°C, Duty cycle=10%
*6 Tc=25°C
200*
3
A
43*
4
°C
°C
Tj
Tstg
175
-55 to +175
Range of storage temperature
lAbsolute maximum ratings (T
j = 25°C)
Surge no repetitive forward current
Reverse voltage (repetitive peak)
Reverse voltage (DC)
Continuous forward current
Unit
Value
Repetitive peak forward current
Total power disspation
Junction temperature
VR
IF
IFSM
IFRM
PD
650
650
15*
1
34*
5
39*
6
55*
2
A
A
VRM
Tube
-
Type
Packaging
Reel size (mm)
C
SCS215AM
Basic ordering unit (pcs)
Tape width (mm)
-
50
Marking
Taping code
lFeatures
23nC
1) Shorter recovery time
A
W
Symbol
lConstruction
Silicon carbide epitaxial planer Shottoky Diode
Parameter
V
V
A
3) High-speed switching possible
lOutline
lInner circuit
lPackaging specifications
TO-220FM
2) Reduced temperature dependence
650V
15A
VR
IF
QC
(1)
(2)
(1) Cathode
(2) Anode
(1)
(2)
1/5
2014.01 - Rev.A


Similar Part No. - SCS215AM

ManufacturerPart #DatasheetDescription
logo
Rohm
SCS215AM ROHM-SCS215AM Datasheet
923Kb / 6P
SiC Schottky Barrier Diode
SCS215AM ROHM-SCS215AM_17 Datasheet
923Kb / 6P
SiC Schottky Barrier Diode
More results

Similar Description - SCS215AM

ManufacturerPart #DatasheetDescription
logo
Rohm
SCS220AGC ROHM-SCS220AGC Datasheet
286Kb / 6P
SiC Schottky Barrier Diode
SCS220AE ROHM-SCS220AE Datasheet
489Kb / 6P
SiC Schottky Barrier Diode
SCS210AG ROHM-SCS210AG Datasheet
286Kb / 6P
SiC Schottky Barrier Diode
SCS206AGC ROHM-SCS206AGC Datasheet
363Kb / 6P
SiC Schottky Barrier Diode
SCS205KGHR ROHM-SCS205KGHR Datasheet
478Kb / 6P
SiC Schottky Barrier Diode
SCS208AGHR ROHM-SCS208AGHR Datasheet
481Kb / 6P
SiC Schottky Barrier Diode
SCS215AGHR ROHM-SCS215AGHR Datasheet
541Kb / 6P
SiC Schottky Barrier Diode
SCS220AJ ROHM-SCS220AJ Datasheet
493Kb / 6P
SiC Schottky Barrier Diode
SVS212AGHR ROHM-SVS212AGHR Datasheet
478Kb / 6P
SiC Schottky Barrier Diode
logo
Toshiba Semiconductor
TRS12N65D TOSHIBA-TRS12N65D Datasheet
163Kb / 5P
SiC Schottky Barrier Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com