Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFPX-AD2 Datasheet(PDF) 10 Page - Panasonic Semiconductor

Part # AFPX-AD2
Description  4-axis pulse output in a compact body
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AFPX-AD2 Datasheet(HTML) 10 Page - Panasonic Semiconductor

Back Button AFPX-AD2 Datasheet HTML 6Page - Panasonic Semiconductor AFPX-AD2 Datasheet HTML 7Page - Panasonic Semiconductor AFPX-AD2 Datasheet HTML 8Page - Panasonic Semiconductor AFPX-AD2 Datasheet HTML 9Page - Panasonic Semiconductor AFPX-AD2 Datasheet HTML 10Page - Panasonic Semiconductor AFPX-AD2 Datasheet HTML 11Page - Panasonic Semiconductor AFPX-AD2 Datasheet HTML 12Page - Panasonic Semiconductor AFPX-AD2 Datasheet HTML 13Page - Panasonic Semiconductor AFPX-AD2 Datasheet HTML 14Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Communication Port
RS232C tool port
USB port
Always used
Always used
(Port No. COM1)
Switch-selectable
(Port No. COM2)
Default setting: USB port use
1st ch.
2nd ch.
AFPX-COM1 (RS232C 1 ch.)
AFPX-COM3 (RS485/422 selectable 1 ch.)
AFPX-COM2 (RS232C 2 ch.)
AFPX-COM4 (RS485+RS232C)
"Require slightly more functions", "Want to add functions to the existing equipment"
- The rich variety of expansion boards helps solve these requirements.
10
11
Expansion
I The
Add-on cassette easily adds small quantities of functions and I/O points.
I When further expansion or functions are required, use the existing
FP0 expansion unit.
Max. 7 units (210 points)
Max. 96 points
Expansion FP0 adapter (AFPX-EFP0)
Easily removable
(Two screws to secure the unit)
DC input
Transistor output
Pulse I/O
Analog input
Master memory
Add-on Cassette
Specifications
The unified unit height of 90 mm makes
the panel surface look clean.
AFPX-IN8
AFPX-TR8
AFPX-PLS
AFPX-AD2
AFPX-MPTC
AFPX-COM1
AFPX-COM2
AFPX-COM3
AFPX-COM4
AFPX-COM5
*1: Each of RS485 and RS422 is an insulated type.
E30
E30
C60
Different types of equipment need to be linked
− FP-X flexibly meet such requirements.
Network
I Up to 3 serial communication ports can be used at once.
I PLC Link
I Modbus* Compatibility
When 17 or more FP-X units need to be linked, the use of a Modbus
instead of a MEWNET-W0 can accommodate up to 99 FP-X units.
Because each FP-X can be a master or slave, a multi-master link
can be constructed by passing a token from a user program.
Temperature
controller
Watt-hour meter
Communication cassette
PC
USB
RS232C
RS485
GT11
FP-e (PLC)
Temperature controller etc.
Modbus-RTU (115.2kbps,1200m)
Inverter
FP-e
Can also be used as
a slave station
PLC
FP
Σ
16 stations, 115.2 kbps, 1200 m
RS485
Twisted-pair cable
Another available application
Master/
slave
Master/
slave
Master/
slave
Master/
slave
Multi-master link of up
to 99 units is possible.
Token passing (by user program)
By using the newly added MEWTOCOL master function for
automatically generating MEWTOCOL (Matsushita Open
Protocol) commands, serial communication with MEWTOCOL
compatible units such as PD50, KT4H, KW4H etc becomes
substantially easier.
I MEWTOCOL Master Function Has Been Added
Cannot be used with a
transistor output type
The add-on cassette can be mounted onto the control unit easily.
Up to 2 cassettes on C14 or up to 3 cassettes on C30/C60 can be mounted.
Only communication cassette can be double-stacked upper side. (Communication cassette should be only one totally.)
Note) Please refer to the manual for the number of mountable units and position.
24 V DC input, 8 ch., bidirectional input (sync/source)
NPN, 8 ch., 0.3 A
High-speed counter input
➔ Single-phase 2 ch. 80 kHz or two-phase
1 ch. 30 kHz
Pulse output
➔ Single-axis 100 kHz (CW/CCW, Pulse+Sign)
2 ch., 12 bits (non-insulated), 2 ms/2 ch.
0 to 10 V or 0 to 20 mA
32-kstep program storage and transfer
Calendar timer
RS232C
1 ch.
RS232C
2 ch.
RS485/RS422 selectable
*1
1 ch.
RS485 + RS232C
*1
1 ch. each
Ethernet 1ch + RS232C 1 ch (
Available April 2007)
All control units can be expanded by up to 3 FP0 expansion units via an adapter.
Applications can be expanded by using [Transistor outputs], [Analog input/outputs],
[Thermocouple input] and [I/O link (network)].
When further expansion or functions are required, use the existing FP0 expansion unit.
* Only one expansion FP0 adapter unit can be attached to a control unit.
Up to 7 FP-X expansion units can be used when the expansion FP0 adapter is attached.
FP0-E8X
FP0-E16X
FP0-E8YT
FP0-E8YRS
FP0-E16YT
FP0-E32T
FP0-E8RS
FP0-E16RS
FP0-A21
FP0-A80
FP0-A04V
FP0-A04I
FP0-TC4
FP0-TC8
FP0-IOL
FP0-CCL
FP0-E32RS*2
FP0-RTD6*2
FP0-DPS2*2
Product number
Product number
Specifications
Specifications
8 ch. DC input, MIL connector
16 ch. DC input, MIL connector
8 ch. transistor output, MIL connector
8 ch. relay output, screw terminal block
16 ch. transistor output, MIL connector
16 ch. DC input, 16 ch. transistor output,
MIL connector
4 ch. DC input, 4 ch. relay output,
screw terminal block
8 ch. DC input, 8 ch. relay output,
screw terminal block
Analog 2 ch. input, 1 ch. output
Analog 8 ch. input
Analog (voltage) 4 ch. output
Analog (current) 4 ch. output
Thermocouple 4 ch. input
Thermocouple 8 ch. input
I/O link unit
CC-link unit
16ch DC input, 16ch relay output
screw terminal block
6ch RTD input
PROFIBUS remote I/O unit
*2 Provided from Panasonic Electric Works Europe AG
The use of a communication cassette provides up to 3 serial
communication ports.
Usable interfaces include RS232C, RS485, RS422, and USB.
*The RS232C tool port can be used as a general-purpose serial communication port.
The MEWNET-W0 allows program-free links of up to 16 PLC units such as
FP2/2SH or FP
Σ. The distributed control system allows efficient model
selection.
GSimple setting of the number of linked units, linked relays, and starting
area address of the own station by using FPWIN GR/Pro allows sharing
of contact information and data without programming.
GThe transfer rate of 115.2 kbps, the highest rate for a compact model.
GA transfer distance of 1200 m, the longest distance for a compact model.
GFP-X and FPΣ allow a change of the station number by programming
(SYS instruction).
FP-X requires a communication cassette (AFPX-COM3 or AFPX-COM4)
FP2/2SH requires a multi-communication unit (AFP2465, AFP2805)
FP
Σ requires a communication cassette (AFPG803, AFPG806)
Number of stations
Transmission speed
Transmission distance
Shared data
Communication method
16 stations
115.2 kbps
1200 m
128 words (data register), 64 words (contacts)
Floating master
Item
Specifications
Compatible with both the master and slave of the Modbus* RTU, the world's de-facto standard
Great performance is expected for air-conditioning, temperature controls etc.
* Protocol developed by the Modicon Inc. of the United States
Usable as a master station [F145 (Write), F146 (Read) commands]
Capable of easily communicating with a temperature controller, inverter, FP-e, and foreign PLC
NEW
Temperature
Controller
KT4H
Eco-POWER METER
KW4M
2D Code Reading Sensor
PD50
RS232C
RS485



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com