Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFPX-AD2 Datasheet(PDF) 18 Page - Panasonic Semiconductor

Part # AFPX-AD2
Description  4-axis pulse output in a compact body
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AFPX-AD2 Datasheet(HTML) 18 Page - Panasonic Semiconductor

Back Button AFPX-AD2 Datasheet HTML 12Page - Panasonic Semiconductor AFPX-AD2 Datasheet HTML 13Page - Panasonic Semiconductor AFPX-AD2 Datasheet HTML 14Page - Panasonic Semiconductor AFPX-AD2 Datasheet HTML 15Page - Panasonic Semiconductor AFPX-AD2 Datasheet HTML 16Page - Panasonic Semiconductor AFPX-AD2 Datasheet HTML 17Page - Panasonic Semiconductor AFPX-AD2 Datasheet HTML 18Page - Panasonic Semiconductor AFPX-AD2 Datasheet HTML 19Page - Panasonic Semiconductor AFPX-AD2 Datasheet HTML 20Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
Specifications
18
19
Specifications
4. Input Specifications (Control unit, expansion unit)
Item
Description
Insulation method
Rated input voltage
Operating voltage range
Rated input current
Input points per common
Min. ON voltage/ON current
Max. OFF voltage/OFF current
Input impedance
Response
time
Operating indicator
Photo-coupler
24 V DC
21.6 to 26.4 V DC
8 points/common (C14, E16) 16 points/common (C30, C60)
(Input power polarity either positive or negative)
Same as above
LED display
OFF
→ ON
ON
→ OFF
*1 Specification at the rated input voltage of 24 V DC, 25
°C.
*2 Please refer to the user manual for Y0 to Y7 of the transistor output type.
5. Relay Output Specifications (Control units, Expansion units)
6. Transistor Output Specifications
Item
Description
Output type
Rated control capacity (Resistive load)
Output points per common
Response time
Life time
Surge absorber
Operating indicator
1a contact
2 A 250 V AC, 2 A 30 V DC (8 A or less/common)
4 points/common
Approx. 10 ms
Approx. 8 ms
20 million operations or more (Operation frequency 180 times/min)
100,000 operations or more (Operation frequency 20 times/min at the rated control capacity)
None
LED display
Mechanical
Electrical
Item
Description
Insulation method
Output type
Rated loadf voltage
Load voltage allowable range
Max. load current
Max. inrush current
Output points per common
OFF state leakage current
ON state voltage drop
Response time
Voltage range for external power supply
Surge absorber
Operating indicator
Photocoupler
Open collector
NPN type: 5 to 24 V DC, PNP type: 24 V DC
NPN type: 4.75 to 26.4 V DC, PNP type: 21.6 to 26.4 V DC
0.5 A
1.5 A
8 points/common (C14, E16)
8 points/common, 6 points/common (C30, C60, E30)
1
µA or less
0.3 V DC or less
1 ms or less*2
1 ms or less*2
21.6 to 26.4 V DC
Zener diode
LED display
OFF
→ ON
ON
→ OFF
OFF
→ ON
ON
→ OFF
Relay output
Transistor output
Control unit X0 to X7
0.6 ms or less: Normal input
50 ms or less: High-speed counter, pulse catch, interruption input setting *1
Control unit X8 and after, expansion unit
0.6 ms or less
Control unit X0 to X3
135
µs or less: Nominal input
5
µs or less: High-speed counter, pulse catch, interruption input setting*1
Control unit X4 to X7
135
µs or less: Nominal input
50
µs or less: High-speed counter, pulse catch, interruption input setting*1
Control unit X8 and after, expansion unit
0.6 ms or less
19.2 V/3 mA
2.4 V/1 mA
Approx. 5.1 k
Ω (Control unit X0 to X7)
Approx. 5.6 k
Ω (Control unit X8 and after, expansion unit)
19.2 V/6 mA (Control unit X0 to X3)
19.2 V/3 mA (Control unit X4 and after, expansion unit)
2.4 V/1.3 mA (Control unit X0 to X3)
2.4 V/1 mA (Control unit X4 and after, expansion unit)
Approx. 3 k
Ω (Control unit X0 to X3)
Approx. 5.1 k
Ω (Control unit X4 to X7)
Approx. 5.6 k
Ω (Control unit X8 and after, expansion unit)
Approx. 4.7 mA (Control unit X0 to X7)
Approx 4.3 mA (Control unit X8 and after, expansion unit)
Approx. 8 mA (Control unit X0 to X3)
Approx. 4.7 mA (Control unit X4 to X7)
Approx. 4.3 mA (Control unit X8 and after, expansion unit)
Item
Specifications
3. Controls Specifications
Program method
Control method
Program memory
Program capacity
Operation processing speed
Basic instructions
Applied instructions
External inputs (X)
External outputs (Y)
Internal relay (R)
Special internal relay (R)
Link relay (L)
Timer/counter (T/C)
Data register (DT)
Link data register (LD)
Special data register (DT)
Index register (I0 to ID)
Master control relay (MCR)
Number of labels (LOOP)
Number of differentiations
Number of stepladders
Number of subroutines
Number of interruption programs
High-speed counter *5
Pulse output *6
Pulse catch input / interrupt input
Periodical interrupt
Potentiometer
Constant scan
Real-time clock
Flash ROM
backup *9
Battery backup
Battery life (when no power is supplied)
Password
Self-diagnosis function
Comment storage
PLC link function
Rewriting in RUN mode
Relay symbol method
Cyclic operation method
Flash ROM built-in (no battery backup required)
16 ksteps (C14), 32 ksteps (C30, C60)
Basic instruction 0.32
µs/step
111
216
1760 points *4
1760 points *4
4096 points
192 points
2048 points
Total 1024 points: timer capable of counting (1 ms, 10 ms, 100 ms, 1 s) x 32767
Counter capable of counting 1 to 32767
12285 words (C14), 32765 words (C3R, C60)
256 words
374 words
14 words
256 points
256 labels
Up to program capacity
1000 stages
500 subroutines
Relay output type: 15 programs (14 external, 1 constant)
Transistor output type: 9 programs (8 external, 1 constant)
Built-in (Transistor output): single-phase 8 ch (50 kHz x 4 ch + 10 kHz x 4 ch)
Built-in (Relay output): single-phase 8 ch (10 kHz x 8 ch)
Pulse I/O cassette (AFPX-PLS) for relay output type: single-phase 2 ch (80 kHz x 2 ch)
Built-in (Transistor output): 100 kHz x 2 ch + 20 kHz x 2 ch
Pulse I/O cassette (AFPX-PLS) for relay output type: One unit (one axis) 100 kHz, or two units (two axes) 80 kHz
Relay output type: Total 14 points (including the high-speed counter)
Transistor output type: Total 8 points (including the high-speed counter)
0.5 ms to 30 s
2 points (0 to 1000) (C14, C30) 4 points (0 to 1000) (C60)
Possible
Equipped (usable only when AFPX-MRTC is installed) *7
Data register (32765 words)
Counter 16 points (1008 to 1023), Internal relay 128 points (R2470 to R255F), Data register 55 words
The memory allocated in the storage area by the system register (only when a battery is installed) *8
Before installing AFPX-MRTC
C14: 1230 days (actual operation 10 years at 25
°C)
C30, C60: 990 days (actual operation 10 years at 25
°C)
After installing AFPX-MRTC
C14: 780 days (actual operation 10 years at 25
°C)
C30, C60: 680 days (actual operation 10 years at 25
°C)
(More than two batteries can be installed in C30 and C60. In this case, the battery life is extended several times)
Capable (4 or 8 characters selectable)
Watch dog timer, program syntax check
Capable (328 KB) (backup battery not required)
Max 16 units, link relay 1024 points, link register 128 words (No data transfer or remote programming)
Capable
Backup by F12, P13 commands
Auto-backup at power failure
*4 The actual usable number of points is restricted by the hardware.
*5 Specification at the rated input voltage of 24 V DC, 25
°C. Frequency may be lower due to the voltage and temperature.
*6 Max frequency may vary by the method of operation. Please refer to the manual for details.
*7 Calendar accuracy at 0
°C: 119 sec/month or less, 25°C: 51 sec/month or less, 55°C: 148 sec/month or less (Real-time clock requires a battery.)
*8 When data is stored in the storage area while the battery is not installed, the data is not cleared and the data value may be indefinite.
The same condition occurs when the battery is exhausted.
*9 The number of possible rewrites is 10,000 or less.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com