Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML7005 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # ML7005
Description  DTMF Transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML7005 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  ML7005 Datasheet HTML 1Page - List of Unclassifed Manufacturers ML7005 Datasheet HTML 2Page - List of Unclassifed Manufacturers ML7005 Datasheet HTML 3Page - List of Unclassifed Manufacturers ML7005 Datasheet HTML 4Page - List of Unclassifed Manufacturers ML7005 Datasheet HTML 5Page - List of Unclassifed Manufacturers ML7005 Datasheet HTML 6Page - List of Unclassifed Manufacturers ML7005 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML7005 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML7005 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
FEDL7005-01
ML7005
4/25
PIN DESCRIPTION
Symbol
Pin
Type
Description
DTRIO
1
OUT
Output pin for DTMF signal receiver input amplifier.
See the figure 8 for adjusting the receive signal level. See the figure 10 when
the DTMF signal receiver is not used.
DTRIM
2
IN
Inverting input pin for DTMF signal receiver input amplifier.
DTRIP
3
IN
Non-inverting input pin for DTMF signal receiver input amplifier.
SG
4
OUT
Output pin for signal ground.
The output voltage is half of VDD.
Connect SG and GND by a 1 μF capacitor.
This pin goes to a high impedance state when in power down mode.
CPAO
5
OUT
Output pin for amplifier used for adjusting the transmit output level of CPT
(Call Progress Tone) signal generator.
The non-inverting input of this amplifier is internally connected to SG.
See the figure 11 for adjusting the transmit signal level.
When this amplifier is not used, the CPAO pin should be shorted to the
CPAI pin.
CPAI
6
IN
Inverting input pin for amplifier used to adjust the transmit level of the CPT
signal generator.
CPTGO
7
OUT
Analog output pin for CPT signal generator.
The tone amplitude is approximately -3 dBm.
The transmit signal level can be changed by using the CPAO and CPAI pins.
See the figure 11 for adjusting the transmit signal level.
Control the ON/OFF of CPT transmission by using CPGC of the control
register.
PTYPE
8
IN
Input pin for selecting the processor mode.
This selection determines the functions of READB, CSB, ALE, WRB, D1
and D0 pins.
When this pin is "1", the Intel processor mode is selected.
When this pin is "0", the Motorola processor mode (MSM7524-compatible)
is selected.
This pin should be fixed at "0" or "1".
VDD
9
—
Power supply pin.
PD
10
IN
Input pin for controlling the power down mode.
When this pin is set to "1", the entire LSI enters the power down mode and
each functional operation stops.
The DC level of the analog output pin becomes undefined.
The digital output pins (FXD0, CPD0) and status register indicate a
non-detection state.
At that time, the control register CR and DTMF transmit register DTMFT
are cleared. ("0" is written)
The internal circuits (timer, etc. for each detector) also are reset.
After turning on the power, set this pin to "1" to reset the LSI before using
this LSI.
When this pin is set to "0", the normal operation starts.
X1
11
IN
X2
12
OUT
X1 and X2 are connected to a 3.579545 MHz crystal.
See "Oscillation Circuit" of the FUNCTIONAL DESCRIPTION for
reference.
CLKO
13
OUT
3.579545 MHz clock output pin.
This pin can drive one ML7005 device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com