Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML7005 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # ML7005
Description  DTMF Transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML7005 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button ML7005 Datasheet HTML 4Page - List of Unclassifed Manufacturers ML7005 Datasheet HTML 5Page - List of Unclassifed Manufacturers ML7005 Datasheet HTML 6Page - List of Unclassifed Manufacturers ML7005 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML7005 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML7005 Datasheet HTML 9Page - List of Unclassifed Manufacturers ML7005 Datasheet HTML 10Page - List of Unclassifed Manufacturers ML7005 Datasheet HTML 11Page - List of Unclassifed Manufacturers ML7005 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
FEDL7005-01
ML7005
8/25
ELECTRICAL CHARACTERISTICS
DC and Digital Interface Characteristics
(VDD=+2.7 to +5.5 V, Ta=-30 to +85°C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
VDD=+2.7 to +5.5V
—
—
9.0
VDD=+3V
—
4.0
—
IDD1
Operating
Mode
VDD=+5V
—
5.0
—
mA
Power Supply
Current
IDD2
Power Down Mode
—
1
40
A
VIH
0.7VDD
—
VDD
Digital Input Voltage
VIL
—
0.0
—
0.3VDD
V
IIH
VI = VDD
-10
0
10
Digital Input Current
IIL
VI = 0V
-10
0
10
A
VOH
IOH = -100A
VDD - 0.2
VDD - 0.06
VDD
VOL
Other
than
CLK0 IOL = 100A
0.0
0.06
0.2
VOHCK
VDD-0.5
—
VDD
Digital Output
Voltage
VOLCK
CLKO, CL
 20pF
0.0
—
0.5
V
Analog Input
Resistance
RIN
*1
—
10
—
M
VSG
SG
VDD/2-0.1
VDD/2
VDD/2+0.1
Analog Output DC
Potential
VAO
*2
—
VDD/2
—
V
Analog Output Load
Resistance
ROUT
*3
20
—
—
k
*1 DTRIM, DTRIP, CPAI, DTAI, FXDIM, CPDIP, CPDIM
*2 DTRIO, CPAO, CPTGO, DTGO, DTAO, FXDIO, CPDIO
*3 DTRIO, CPAO, CPTGO, DTGO, DTAO, FXDIO, CPDIO, SG
AC CHARACTERISTICS
AC Characteristics 1 DTMF Signal Generator
(VDD=+2.7 to +5.5 V, Ta=-30 to +85°C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
VDTTL
Low Group Tone
-10.5
-9.0
-7.5
DTMF Tone
Transmit Amplitude
VDTTH
High Group Tone
-8.5
-7.0
-5.5
dBm
*1
Tone Transmit
Amplitude Ratio
VDTDF
VDTTH - VDTTL
1.0
2.0
3.0
dB
Tone Frequency
Accuracy
fDDT
To Nominal
Frequency
-1.5
—
+1.5
%
Total Harmonic
Distortion
THDDT
Measured
at DTGO
Harmonics -
Fundamental
—
-40
-23
dB
VS1
4kHz to 8kHz
—
P - 51
P - 20
VS2
8kHz to 12kHz
—
P - 60
P - 40
Out-of-Band
Spurious
VS3
With
respect to
output
signal level
measured
at DTGO
12kHz to each
4kHz band
—
P - 75
P - 60
dB
*1 0dBm = 0.775 Vrms (For all AC characteristics)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com