Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STBB2 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STBB2
Description  800 mA 2.5 MHz, high efficiency dual mode buck-boost DC-DC converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBB2 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STBB2 Datasheet HTML 13Page - STMicroelectronics STBB2 Datasheet HTML 14Page - STMicroelectronics STBB2 Datasheet HTML 15Page - STMicroelectronics STBB2 Datasheet HTML 16Page - STMicroelectronics STBB2 Datasheet HTML 17Page - STMicroelectronics STBB2 Datasheet HTML 18Page - STMicroelectronics STBB2 Datasheet HTML 19Page - STMicroelectronics STBB2 Datasheet HTML 20Page - STMicroelectronics STBB2 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
DocID022745 Rev 9
17/25
STBB2
General description
7.5
Protection features
7.5.1
Soft-start and short-circuit
After the EN pin is pulled high, the device initiates the start-up phase. The average current
limit is set to 400 mA at the beginning and is gradually increased while the output voltage
increases. As soon as the output voltage reaches 1.0 V, the average current limit is set to its
nominal value.
This method allows a current limit proportional to the output voltage. If there is a short in the
VOUT pin, the output current does not exceed 400 mA. This process is not handled by a
timer so the device is also able to start up even with large capacitive loads.
7.5.2
Undervoltage lockout
The undervoltage lockout function prevents improper operation of the STBB2 when the
input voltage is not high enough. When the input voltage is below the VUVLO threshold, the
device is in shutdown mode. The hysteresis of 100 mV prevents unstable operation when
the input voltage is close to the UVLO threshold.
7.5.3
Overtemperature protection
An internal temperature sensor continuously monitors the IC junction temperature. If the IC
temperature exceeds 150 °C (typ.), the device stops operating. As soon as the temperature
falls below 130 °C (typ.), normal operation is restored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com