Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STBB2 Datasheet(PDF) 23 Page - STMicroelectronics

Part # STBB2
Description  800 mA 2.5 MHz, high efficiency dual mode buck-boost DC-DC converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBB2 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STBB2 Datasheet HTML 17Page - STMicroelectronics STBB2 Datasheet HTML 18Page - STMicroelectronics STBB2 Datasheet HTML 19Page - STMicroelectronics STBB2 Datasheet HTML 20Page - STMicroelectronics STBB2 Datasheet HTML 21Page - STMicroelectronics STBB2 Datasheet HTML 22Page - STMicroelectronics STBB2 Datasheet HTML 23Page - STMicroelectronics STBB2 Datasheet HTML 24Page - STMicroelectronics STBB2 Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
DocID022745 Rev 9
23/25
STBB2
Package mechanical data
Table 10. Flip Chip 20 (2.1 x 1.8 mm) mechanical data
Dim.
mm
Min.
Typ.
Max.
A
0.52
0.56
0.60
A1
0.17
0.23
A2
0.35
0.36
0.37
b
0.23
0.25
0.29
D
2.03
2.06
2.09
D1
1.6
E
1.71
1.74
1.77
E1
1.2
e0.40
SE
0.20
fD
0.23
fE
0.27
ccc
0.075



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com