Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW31N65M5 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STW31N65M5
Description  N-channel 650 V, 0.124 typ., 22 A MDmesh V Power MOSFET in D2PAK, TO-220FP, I2PakFP, TO-220 and TO-247 packages
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW31N65M5 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STW31N65M5 Datasheet HTML 4Page - STMicroelectronics STW31N65M5 Datasheet HTML 5Page - STMicroelectronics STW31N65M5 Datasheet HTML 6Page - STMicroelectronics STW31N65M5 Datasheet HTML 7Page - STMicroelectronics STW31N65M5 Datasheet HTML 8Page - STMicroelectronics STW31N65M5 Datasheet HTML 9Page - STMicroelectronics STW31N65M5 Datasheet HTML 10Page - STMicroelectronics STW31N65M5 Datasheet HTML 11Page - STMicroelectronics STW31N65M5 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Electrical characteristics STB31N65M5, STF31N65M5, STFI31N65M5, STP31N65M5, STW31N65M5
8/25
DocID022848 Rev 3
Figure 8. Output characteristics
Figure 9. Transfer characteristics
Figure 10. Gate charge vs gate-source voltage
Figure 11. Static drain-source on-resistance
Figure 12. Capacitance variations
Figure 13. Output capacitance stored energy
ID
30
20
10
0
0
10
VDS(V)
20
(A)
5
15
40
VGS= 6 V
VGS= 9, 10 V
25
VGS= 7 V
VGS= 8 V
AM15193v1
ID
30
20
10
0
3
5
VGS(V)
7
(A)
4
6
8
40
9
VDS= 25 V
AM15198v1
VGS
6
4
2
0
0
10
Qg(nC)
(V)
40
8
20
30
10
VDD=520V
ID=11A
50
300
200
100
0
400
500
VDS
(V)
VDS
12
600
AM15199v1
RDS(on)
0.12
0.115
0.11
0.105
0
10
ID(A)
(
Ω)
5
15
0.125
0.13
0.135
VGS=10V
20
0.14
0.145
AM15200v1
C
1000
100
10
1
0.1
10
VDS(V)
(pF)
1
10000
100
Ciss
Coss
Crss
AM15202v1
Eoss
2
1
0
0
100
VDS(V)
(µJ)
400
3
200 300
4
5
500
600
6
7
8
AM15195v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com