Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW31N65M5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STW31N65M5
Description  N-channel 650 V, 0.124 typ., 22 A MDmesh V Power MOSFET in D2PAK, TO-220FP, I2PakFP, TO-220 and TO-247 packages
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW31N65M5 Datasheet(HTML) 1 Page - STMicroelectronics

  STW31N65M5 Datasheet HTML 1Page - STMicroelectronics STW31N65M5 Datasheet HTML 2Page - STMicroelectronics STW31N65M5 Datasheet HTML 3Page - STMicroelectronics STW31N65M5 Datasheet HTML 4Page - STMicroelectronics STW31N65M5 Datasheet HTML 5Page - STMicroelectronics STW31N65M5 Datasheet HTML 6Page - STMicroelectronics STW31N65M5 Datasheet HTML 7Page - STMicroelectronics STW31N65M5 Datasheet HTML 8Page - STMicroelectronics STW31N65M5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
This is information on a product in full production.
March 2013
DocID022848 Rev 3
1/25
25
STB31N65M5, STF31N65M5, STFI31N65M5,
STP31N65M5, STW31N65M5
N-channel 650 V, 0.124
Ω typ., 22 A MDmesh™ V Power MOSFET
in D
2
PAK, TO-220FP, I
2
PakFP, TO-220 and TO-247 packages
Datasheet
− production data
Figure 1. Internal schematic diagram
Features
• Worldwide best R
DS(on) * area
• Higher V
DSS
rating and high dv/dt capability
• Excellent switching performance
• 100% avalanche tested
Applications
• Switching applications
Description
These devices are N-channel MDmesh™ V
Power MOSFETs based on an innovative
proprietary vertical process technology, which
is
combined with STMicroelectronics’ well-known
PowerMESH™ horizontal layout structure. The
resulting product has extremely low on-
resistance, which is unmatched among silicon-
based Power MOSFETs, making it especially
suitable for applications which require superior
power density and outstanding efficiency.
D2PAK
TO-220
TO-220FP
TO-247
I2PakFP
1
3
2
TAB
1
2
3
1
2
3
TAB
1
2
3
1
2
3
Order codes
VDSS @ TJmax RDS(on) max
ID
STB31N65M5
710 V
< 0.148
Ω
22 A
STF31N65M5
STFI31N65M5
STP31N65M5
STW31N65M5
Table 1. Device summary
Order code
Marking
Package
Packaging
STB31N65M5
31N65M5
D
2
PAK
Tape and reel
STF31N65M5
TO-220FP
Tube
STFI31N65M5
I
2
PakFP
STP31N65M5
TO-220
STW31N65M5
TO-247
www.st.com


Similar Part No. - STW31N65M5

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STW31N65M5 ISC-STW31N65M5 Datasheet
420Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STW31N65M5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB42N65M5 STMICROELECTRONICS-STB42N65M5 Datasheet
1Mb / 18P
N-channel 650 V, 0.070 廓, 33 A MDmesh??V Power MOSFET in I2PAK, TO-220, TO-220FP, D2PAK and TO-247
12-Jun-2009
STP15N65M5 STMICROELECTRONICS-STP15N65M5 Datasheet
925Kb / 17P
N-channel 650 V, 0.308 廓 typ., 11 A MDmesh??V Power MOSFET in TO-220FP, I2PAKFP and TO-220 packages
09-Nov-2012
STP18N65M5 STMICROELECTRONICS-STP18N65M5 Datasheet
954Kb / 19P
N-channel 650 V, 0.198 typ., 15 A MDmesh V Power MOSFET in TO-220FP, IPAK, TO-220 and TO-247 packages
19-Jul-2012
STW45N65M5 STMICROELECTRONICS-STW45N65M5 Datasheet
1Mb / 20P
N-channel 650 V, 0.067 typ., 35 A MDmesh V Power MOSFET in D2PAK, TO-220FP and TO-220 packages
05-Mar-2013
STF11N65M5 STMICROELECTRONICS-STF11N65M5 Datasheet
1Mb / 25P
N-channel 650 V, 0.43 Ω typ., 9 A MDmesh™ V Power MOSFET in D2PAK, DPAK, TO-220FP, TO-220 and IPAK packages
December 2012 Rev 2
STF20N65M5 STMICROELECTRONICS-STF20N65M5 Datasheet
1Mb / 21P
N-channel 650 V, 0.160 Ω typ., 18 A MDmesh™ V Power MOSFET in D2PAK, I2PAK, TO-220 and TO-247 packages
February 2013 Rev 2
STF34N65M5 STMICROELECTRONICS-STF34N65M5 Datasheet
1Mb / 22P
N-channel 650 V, 0.09 typ., 28 A MDmesh V Power MOSFETs in D2PAK, I2PAK, TO-220 and TO-247 packages
02-Oct-2013
STD11N65M5 STMICROELECTRONICS-STD11N65M5 Datasheet
1Mb / 25P
N-channel 650 V, 0.43 typ., 9 A MDmesh V Power MOSFET in D2PAK, DPAK, TO-220FP, TO-220 and IPAK packages
03-Dec-2012
STB10N65K3 STMICROELECTRONICS-STB10N65K3 Datasheet
1Mb / 21P
N-channel 650 V, 0.75 Ω typ., 10 A SuperMESH3™ Power MOSFETs in D2PAK, TO-220FP, I2PAKFP and TO-220 packages
05-Aug-2013
STX42N65M5 STMICROELECTRONICS-STX42N65M5 Datasheet
1Mb / 18P
N-channel 650 V, 0.070 Ω, 33 A MDmesh™ V Power MOSFET in I2PAK, TO-220, TO-220FP, D2PAK and TO-247
12-Jun-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com