Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E981.10 Datasheet(PDF) 13 Page - ELMOS Semiconductor AG

Part # E981.10
Description  BASIC IO-LINK TRANSCEIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG

E981.10 Datasheet(HTML) 13 Page - ELMOS Semiconductor AG

Back Button E981.10 Datasheet HTML 9Page - ELMOS Semiconductor AG E981.10 Datasheet HTML 10Page - ELMOS Semiconductor AG E981.10 Datasheet HTML 11Page - ELMOS Semiconductor AG E981.10 Datasheet HTML 12Page - ELMOS Semiconductor AG E981.10 Datasheet HTML 13Page - ELMOS Semiconductor AG E981.10 Datasheet HTML 14Page - ELMOS Semiconductor AG E981.10 Datasheet HTML 15Page - ELMOS Semiconductor AG E981.10 Datasheet HTML 16Page - ELMOS Semiconductor AG E981.10 Datasheet HTML 17Page - ELMOS Semiconductor AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
13/19
E981.10
ELMOS Semiconductor AG
Data Sheet
QM-No.: 25DS0007E.02 2010-06-16
5.4 receiver
5.5 Wake-up
The receiver reads logic information from the C/Q pin and proceeds it to the control unit. The data bits are filtered
in order to suppress erroneous glitches on the C/Q pin and to increase EMC robustness. The receiver functionality
will not be available in the whole IC supply range due to absolute thresholds. If the transceiver supply voltage falls
below 18V, the system may not be able to guarantee sufficient high levels on the C/Q pin and the receiver will out-
put a constant low level on pin RXD.
In case of an active transmitter the receiver monitors pin C/Q in order to detect wake up events. If the in-
formation read from the C/Q pin changes state, while TXD remains constant, a wake up event is as-
sumed. Alternatively the change to an overcurrent state is evaluated in the same way. The transmitter re-
mains on despite having detected an overload. After Twu the wake up event is signalled at pin WAKE and
the transmitter is turned off. It can be reset with a TXEN=low and activated again with a new TXEN=high.
The figure below shows the functionality of the overcurrent and wake up recognition as well as the resulting be-
havior at the pin ILIM and WAKE UP in detail.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com