Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E981.10 Datasheet(PDF) 2 Page - ELMOS Semiconductor AG

Part # E981.10
Description  BASIC IO-LINK TRANSCEIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG

E981.10 Datasheet(HTML) 2 Page - ELMOS Semiconductor AG

  E981.10 Datasheet HTML 1Page - ELMOS Semiconductor AG E981.10 Datasheet HTML 2Page - ELMOS Semiconductor AG E981.10 Datasheet HTML 3Page - ELMOS Semiconductor AG E981.10 Datasheet HTML 4Page - ELMOS Semiconductor AG E981.10 Datasheet HTML 5Page - ELMOS Semiconductor AG E981.10 Datasheet HTML 6Page - ELMOS Semiconductor AG E981.10 Datasheet HTML 7Page - ELMOS Semiconductor AG E981.10 Datasheet HTML 8Page - ELMOS Semiconductor AG E981.10 Datasheet HTML 9Page - ELMOS Semiconductor AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
E981.10
2/19
ELMOS Semiconductor AG
Data Sheet
QM-No.: 25DS0007E.02 2010-06-16
1.1 Pin description
1 Pinout
No
Name
Type 1)
Pull
Description
Connection
1
VDD_IO
S
-
Supply host interface
See specification
2
SILIM
D_I
Down
Reduced overcurrent
limitation threshold
See specification
3
GND2
S
-
Ground
Connect to system ground
4
TEST
D_I
Down
Test
Connect to system ground
5
NC
Not internally connected
Connect to system ground
6
ATB
A_IO
-
Test
Not connected or connect to
system ground (prefered)
7
VDD
S
-
Internal supply I/O
See specification
8
VREGO
HV_A_IO
-
Regulator control output
See specification
9
NC
Not internally connected
Not connected (reduce risk
of leakage or short circuit to
neighbour pins)
10
VDDH
S
-
Main supply
See specification
11
NC
Not internally connected
Not connected (reduce risk
of leakage or short circuit to
neighbour pins)
12
C/Q
HV_A_IO
-
IO-Link interface
See specification
13
NC
Not internally connected
Not connected (reduce risk
of leakage or short circuit to
neighbour pins)
14
GND1
S
-
Ground
Connect to system ground
15
ILIM
D_O
-
Overcurrent signal
See specification
16
WAKE
D_O
-
Wake-up request
See specification
17
RXD
D_O
-
Receive signal
See specification
18
TXD
D_I
Up
Transmit signal
See specification
19
SPEED
D_I
Down
Baud rate / slope control
See specification
20
TXEN
D_I
Down
Transmitter enable
See specification
21
GND3,
Exposed
die pad
S
-
The exposed die pad is the
backside metal pad of the package Connect to system ground
1) D = Digital, A = Analog, S = Supply, I = Input, O = Output, HV = High Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com