Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

378R33 Datasheet(PDF) 6 Page - Unisonic Technologies

Part # 378R33
Description  4 TERMINAL 2A OUTPUT LOW DROP VOLTAGE REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

378R33 Datasheet(HTML) 6 Page - Unisonic Technologies

  378R33 Datasheet HTML 1Page - Unisonic Technologies 378R33 Datasheet HTML 2Page - Unisonic Technologies 378R33 Datasheet HTML 3Page - Unisonic Technologies 378R33 Datasheet HTML 4Page - Unisonic Technologies 378R33 Datasheet HTML 5Page - Unisonic Technologies 378R33 Datasheet HTML 6Page - Unisonic Technologies 378R33 Datasheet HTML 7Page - Unisonic Technologies 378R33 Datasheet HTML 8Page - Unisonic Technologies 378R33 Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
378RXX
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 9
www.unisonic.com.tw
QW-R102-049.a
ELECTRICAL CHARACTERISTICS (Cont.)
For 378R010 (VIN=16V)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VO
9.75
10.0
10.25
V
Load Regulation
Reg Load
IO=5mA~3A
0.1
2.0
%
Line Regulation
Reg Line
VIN=11~26V
0.5
2.5
%
Temperature Coefficient of Output Voltage
TC VO
TJ=0~125°C
±
0.02 ±0.05
%/°C
Ripple Rejection
R·R
45
55
dB
Drop Out Voltage (Note)
VD
IO=3A
0.8
V
Output ON State for Control Voltage
VC(ON)
2.0
V
Output ON State for Control Current
IC(ON)
VC=2.7V
20
μA
Output OFF State for Control Voltage
VC(OFF)
0.8
V
Output OFF State for Control Current
IC(OFF)
VC=0.4V
-0.4
mA
Quiescent Current
IQ
IO=0
10
mA
For 378R012 (VIN=18V)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VO
11.70
12.0
12.30
V
Load Regulation
Reg Load
IO=5mA~3A
0.1
2.0
%
Line Regulation
Reg Line
VIN=13~29V
0.5
2.5
%
Temperature Coefficient of Output Voltage
TC VO
TJ=0~125°C
±
0.02 ±0.05
%/°C
Ripple Rejection
R·R
45
55
dB
Drop Out Voltage (Note)
VD
IO=3A
0.8
V
Output ON State for Control Voltage
VC(ON)
2.0
V
Output ON State for Control Current
IC(ON)
VC=2.7V
20
μA
Output OFF State for Control Voltage
VC(OFF)
0.8
V
Output OFF State for Control Current
IC(OFF)
VC=0.4V
-0.4
mA
Quiescent Current
IQ
IO=0
10
mA
For 378R015 (VIN=21V)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VO
14.70
15.0
15.30
V
Load Regulation
Reg Load
IO=5mA~3A
0.1
2.0
%
Line Regulation
Reg Line
VIN=16~32V
0.5
2.5
%
Temperature Coefficient of Output Voltage
TC VO
TJ=0~125°C
±
0.02 ±0.05
%/°C
Ripple Rejection
R·R
45
55
dB
Drop Out Voltage (Note)
VD
IO=3A
0.8
V
Output ON State for Control Voltage
VC(ON)
2.0
V
Output ON State for Control Current
IC(ON)
VC=2.7V
20
μA
Output OFF State for Control Voltage
VC(OFF)
0.8
V
Output OFF State for Control Current
IC(OFF)
VC=0.4V
-0.4
mA
Quiescent Current
IQ
IO=0
10
mA
Note: Input voltage shall be the value when output voltage is 95% in comparison with the initial value.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com