Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

378R33 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 378R33
Description  4 TERMINAL 2A OUTPUT LOW DROP VOLTAGE REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

378R33 Datasheet(HTML) 1 Page - Unisonic Technologies

  378R33 Datasheet HTML 1Page - Unisonic Technologies 378R33 Datasheet HTML 2Page - Unisonic Technologies 378R33 Datasheet HTML 3Page - Unisonic Technologies 378R33 Datasheet HTML 4Page - Unisonic Technologies 378R33 Datasheet HTML 5Page - Unisonic Technologies 378R33 Datasheet HTML 6Page - Unisonic Technologies 378R33 Datasheet HTML 7Page - Unisonic Technologies 378R33 Datasheet HTML 8Page - Unisonic Technologies 378R33 Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
UNISONIC TECHNOLOGIES CO., LTD
378RXX
Preliminary
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 9
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R102-049.a
4 TERMINAL 2A OUTPUT
LOW DROP VOLTAGE
REGULATOR
DESCRIPTION
The UTC 378RXX Series are Low Drop Voltage Regulator
suitable for various electronic equipments.
It provides constant voltage power source with TO-220 4
terminal lead full molded PKG. The Regulator has multi function
such as over current protection, overheat protection and ON/OFF
control.
FEATURES
*3.0A Output Low Drop Voltage Regulator.
* Built in ON/OFF Control Terminal.
* Built in Over Current Protection, Over Heat Protection Function.
* Halogen Free
1
TO-220F-4
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
378RXXL-TF4-T
378RXXG-TF4-T
TO-220F-4
Tube
Note: xx: Output Voltage, refer to Marking Information.
378RXXL-TF4-T
(1)Packing Type
(2)Package Type
(3)Lead Free
(1) T: Tube
(2) TF4: TO-220F-4
(4) xx: Refer to Marking Information
(3) G: Halogen Free, L: Lead Free
(4)Voltage Code


Similar Part No. - 378R33

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
378R33G-TF4-T UTC-378R33G-TF4-T Datasheet
225Kb / 8P
4 TERMINAL 3A OUTPUT LOW DROP VOLTAGE REGULATOR
378R33L-TF4-T UTC-378R33L-TF4-T Datasheet
225Kb / 8P
4 TERMINAL 3A OUTPUT LOW DROP VOLTAGE REGULATOR
More results

Similar Description - 378R33

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA278R05PI KEC-KIA278R05PI Datasheet
118Kb / 7P
BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL 2A OUTPUT LOW DROP VOLTAGE REGULATOR)
KIA278R25PI KEC-KIA278R25PI Datasheet
97Kb / 5P
BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL 2A OUTPUT LOW DROP VOLTAGE REGULATOR)
logo
AUK corp
S52XXM AUK-S52XXM Datasheet
365Kb / 6P
Low Drop Output Voltage Regulator
S5225M AUK-S5225M Datasheet
427Kb / 7P
Low Drop Output Voltage Regulator
S78DL05F AUK-S78DL05F_06 Datasheet
219Kb / 3P
Low Drop output Voltage Regulator
S78DL05L AUK-S78DL05L_07 Datasheet
159Kb / 4P
Low Drop output Voltage Regulator
S78DL33L AUK-S78DL33L_07 Datasheet
155Kb / 4P
Low Drop output Voltage Regulator
logo
Unisonic Technologies
278R05 UTC-278R05 Datasheet
319Kb / 8P
4 TERMINAL 2A OUTPUT LOW DROP VOLTAGE REGULATOR
278RXX UTC-278RXX Datasheet
257Kb / 8P
4 TERMINAL 2A OUTPUT LOW DROP VOLTAGE REGULATOR
378RXX UTC-378RXX Datasheet
225Kb / 8P
4 TERMINAL 3A OUTPUT LOW DROP VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com