Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RL78 Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # RL78
Description  In-Circuit Emulator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RL78 Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button RL78 Datasheet HTML 33Page - Renesas Technology Corp RL78 Datasheet HTML 34Page - Renesas Technology Corp RL78 Datasheet HTML 35Page - Renesas Technology Corp RL78 Datasheet HTML 36Page - Renesas Technology Corp RL78 Datasheet HTML 37Page - Renesas Technology Corp RL78 Datasheet HTML 38Page - Renesas Technology Corp RL78 Datasheet HTML 39Page - Renesas Technology Corp RL78 Datasheet HTML 40Page - Renesas Technology Corp RL78 Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 42 page
background image
QB-RL78L1C In-Circuit Emulator
CHAPTER 4
CAUTIONS
R20UT2703EJ0200
Rev.2.00
Page 37 of 42
Jan 31, 2014
- Capacitor which is mounted on user system when LCD controller/driver is used
The following capacitors are mounted on QB-RL78L1C internal circuit.
Because of this, terminal characteristic on QB-RL78L1C is slightly different from target device.
Mounting point:
Between VL1 and GND terminals, Between VL2 and GND terminals,
Between VL3 and GND terminals, Between VL4 and GND terminals,
Between CAPH and CAPL terminals
Mounted condenser capacity: 0.1uF
- LCD controller/driver behavior
When executing STOP instruction or an instruction which stops the main system clock (fMAIN) with setting the
main system clock (fMAIN) to an operation clock of LCD controller/driver, LCD controller/driver stops execution
on target device. On the other hand, it continues execution on QB-RL78L1C.
- Port function of pin LCD alternate function pin
When using LCD alternate function pin as port function, pin status becomes high impedance for 6.5 ms after the
port mode register (PMn) setting and the LCD port function register (PFSEGm) setting.
Remark m = 0 to 6,
n = 0 to 3, 5, 7, 12, 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com