| Electronic Components Datasheet Search |
|
RL78 Datasheet(PDF) 19 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RL78 Datasheet(HTML) 19 Page - Renesas Technology Corp |
|
19 / 42 page ![]() QB-RL78L1C In-Circuit Emulator CHAPTER 2 SETUP PROCEDURE R20UT2703EJ0200 Rev.2.00 Page 19 of 42 Jan 31, 2014 2.1 Software Settings Check the user's manual for the debugger that will be used. 2.2 Clock Settings The QB-RL78L1C clock must be set to the clock used by the target device. For details about how to set the clock, check the user's manual for the debugger that will be used. QB-RL78L1C clock settings for the clock used by the target device are shown below. Oscillation with the resonator on the target system is not supported. Therefore, the in-circuit emulator cannot emulate the oscillation operation of the clock on the target system. Table 2-1. List of clock settings Clock Used Clock Supply (1) High-speed system clock (X1 oscillator or External input) (a) When the clock generated within the emulator is used (b) When the clock (a square wave) is supplied from the target system (c) When the oscillator (OSC1) mounted onto the emulator is used (2) Internal high-speed oscillation clock Uses the clock internally generated from the emulator (3) Internal low-speed oscillation clock Uses the clock internally generated from the emulator (4) Subsystem clock (XT1 oscillator or External input) (a) When the clock generated within the emulator is used (b) When the clock (a square wave) is supplied from the target system |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |