Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L1C Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # L1C
Description  In-Circuit Emulator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

L1C Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button L1C Datasheet HTML 25Page - Renesas Technology Corp L1C Datasheet HTML 26Page - Renesas Technology Corp L1C Datasheet HTML 27Page - Renesas Technology Corp L1C Datasheet HTML 28Page - Renesas Technology Corp L1C Datasheet HTML 29Page - Renesas Technology Corp L1C Datasheet HTML 30Page - Renesas Technology Corp L1C Datasheet HTML 31Page - Renesas Technology Corp L1C Datasheet HTML 32Page - Renesas Technology Corp L1C Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
QB-RL78L1C In-Circuit Emulator
CHAPTER 2
SETUP PROCEDURE
R20UT2703EJ0200
Rev.2.00
Page 29 of 42
Jan 31, 2014
Figure 2-7 Where GND Wire Can Be Connected
(c) Ensuring isolation
Adjust the height of the QB-RL78L1C with the front space adapter and the rear space adapter and ensure
isolation from the target system.
(d) Precautions related to emulation probe
<1> Be careful that stress of the emulation probe is not placed on the target connector.
Moreover, when
removing the emulation probe, remove it slowly while pressing down on the exchange adapter with a
finger so that there is no stress on the target connector.
<2> Be sure to connect the GND wire of the emulation probe to the QB-RL78L1C and the target system.
If
it cannot be connected, the impedance of the cable is unstable and could bring about lowering of signal
transmission characteristics or distortion of the output waveform for an input waveform.
(K)
(J)
L = 60 mm
L = 60 mm
24.7 mm
34.3 mm
User system



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com