Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L1C Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # L1C
Description  In-Circuit Emulator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

L1C Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button L1C Datasheet HTML 26Page - Renesas Technology Corp L1C Datasheet HTML 27Page - Renesas Technology Corp L1C Datasheet HTML 28Page - Renesas Technology Corp L1C Datasheet HTML 29Page - Renesas Technology Corp L1C Datasheet HTML 30Page - Renesas Technology Corp L1C Datasheet HTML 31Page - Renesas Technology Corp L1C Datasheet HTML 32Page - Renesas Technology Corp L1C Datasheet HTML 33Page - Renesas Technology Corp L1C Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
QB-RL78L1C In-Circuit Emulator
CHAPTER 2
SETUP PROCEDURE
R20UT2703EJ0200
Rev.2.00
Page 30 of 42
Jan 31, 2014
2.5
Notes on Power Supply and GND Pin Connection
For power supplies and GND pins of the target device, be sure to connect all pins to each power supply or GND.
2.6
Connecting USB Interface Cable and AC Adapter
Plug the USB interface cable supplied with the QB-RL78L1C into the USB connector of the host machine, and plug the
other side into the USB connector on the rear of the QB-RL78L1C.
Plug the AC adapter into the power supply connector on the rear of the QB-RL78L1C and plug the other side into a
receptacle.
For QB-RL78L1C connector positions, see Figure 2-8.
Figure 2-8.
Connector Positions
2.7
Switching Power On and Off
Be sure to switch the power on and off according to the following procedures.
- Switching power on
- Switching power off
<1> QB-RL78L1C power on
<1> Debugger termination
<2> Target system power on
Note
<2> Target system power off
Note
<3> Debugger startup
<3> QB-RL78L1C power off
Note
In the procedures, <2> is unnecessary if the target system is not connected.
Caution
If the wrong sequence was used for the operation, the target system or QB-RL78L1C may fail
Power supply connector
(Connect AC adapter)
USB connector
(Connect USB interface cable)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com