Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RL78 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # RL78
Description  EEPROM Emulation Library Pack
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RL78 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button RL78 Datasheet HTML 8Page - Renesas Technology Corp RL78 Datasheet HTML 9Page - Renesas Technology Corp RL78 Datasheet HTML 10Page - Renesas Technology Corp RL78 Datasheet HTML 11Page - Renesas Technology Corp RL78 Datasheet HTML 12Page - Renesas Technology Corp RL78 Datasheet HTML 13Page - Renesas Technology Corp RL78 Datasheet HTML 14Page - Renesas Technology Corp RL78 Datasheet HTML 15Page - Renesas Technology Corp RL78 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
RL78 Family
EEPROM Emulation Library Pack02 Ver.1.01
Release Note
R20UT2645EJ0100
Rev.1.00
Page 12 of 15
Mar 28, 2014
Chapter 8
Sample Program
The attached sample program (r_eel_sample_c.c) is provided to enable the usage method of the EEPROM Emulation
Library Pack02 to be easily confirmed on the QB-R5F100LE-TB boards with R5F100LEA (RL78/G13) as the target
microcontrollers. The sample program is just a reference example and the user program does not have to be created to
match the sample program. The sample program should be used as a simple program to confirm operation.
The link directive file (r_eel_sample_c.dr) for the sample program has a purpose to specify that a stack or data buffer
used by the sample program is not allocated to an area where allocation is prohibited
Note1. When using the sample
program, this file should also be embedded with the sample program.
Note2
Notes: 1. For details, refer to chapter 6.2 "Software Resource" in the user's manual.
2. The data in usage may be placed at an unintended area depending on how the environment in use or the
program is changed. After an execution module is generated, the map file and allocation state of programs or
data must be confirmed. For the definition method and allocation conditions of each code or data, refer to the
user's manual of the CubeSuite+.
8.1
Initial Settings of the Sample Program
The sample program operates with the following initial settings. When these settings need to be changed, modify the
sample program.
• CPU operating frequency: High-speed on-chip oscillator 32 MHz
• Voltage mode: Full-speed mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com