Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA656 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA656
Description  Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA656 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  OPA656 Datasheet HTML 1Page - National Semiconductor (TI) OPA656 Datasheet HTML 2Page - National Semiconductor (TI) OPA656 Datasheet HTML 3Page - National Semiconductor (TI) OPA656 Datasheet HTML 4Page - National Semiconductor (TI) OPA656 Datasheet HTML 5Page - National Semiconductor (TI) OPA656 Datasheet HTML 6Page - National Semiconductor (TI) OPA656 Datasheet HTML 7Page - National Semiconductor (TI) OPA656 Datasheet HTML 8Page - National Semiconductor (TI) OPA656 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
OPA656
4
SBOS196G
www.ti.com
ELECTRICAL CHARACTERISTICS: VS = ±5V: High Grade DC Specifications(1)
RF = 250Ω, RL = 100Ω, and G = +2, unless otherwise noted.
OPA656UB, NB (High-Grade)
TYP
MIN/MAX OVER TEMPERATURE
0
°C to
–40
°C to
MIN/
TEST
PARAMETER
CONDITIONS
+25
°C
+25
°C(2)
70
°C(3)
+85
°C(3)
UNITS
MAX LEVEL(4)
Input Offset Voltage
VCM = 0V
±0.1
±0.6
±0.85
±0.9
mV
Max
A
Input Offset Voltage Drift
VCM = 0V
±2
±6
±6
±6
µV/°CMax
A
Input Bias Current
VCM = 0V
±1
±5
±450
±1250
pA
Max
A
Input Offset Current
VCM = 0V
±0.5
±5
±450
±1250
pA
Max
A
Common-Mode Rejection Ratio (CMRR)
VCM = ±0.5V
95
88
86
84
dB
Min
A
Power-Supply Rejection Ratio (+PSRR)
+VS = 4.5V to 5.5V
78
74
72
70
dB
Min
A
(–PSRR)
–VS = –4.5V to –5.5V
68
62
60
58
dB
Min
A
NOTES: (1) All other specifications are the same as the standard-grade.
(2) Junction temperature = ambient for 25
°C min/max specifications.
(3) Junction temperature = ambient at low temperature limit: junction temperature = ambient +20
°C at high temperature limit for over temperature
min/max specifications.
(4) Test Levels: (A) 100% tested at 25
°C. Over temperature limits by characterization and simulation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com