Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA656 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA656
Description  Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA656 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  OPA656 Datasheet HTML 1Page - National Semiconductor (TI) OPA656 Datasheet HTML 2Page - National Semiconductor (TI) OPA656 Datasheet HTML 3Page - National Semiconductor (TI) OPA656 Datasheet HTML 4Page - National Semiconductor (TI) OPA656 Datasheet HTML 5Page - National Semiconductor (TI) OPA656 Datasheet HTML 6Page - National Semiconductor (TI) OPA656 Datasheet HTML 7Page - National Semiconductor (TI) OPA656 Datasheet HTML 8Page - National Semiconductor (TI) OPA656 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
OPA656
5
SBOS196G
www.ti.com
TYPICAL CHARACTERISTICS: VS = ±5V
TA = +25°C, G = +2, RF = 250Ω, RL = 100Ω, unless otherwise noted.
NONINVERTING SMALL-SIGNAL
FREQUENCY RESPONSE
10
0.5
1
500
100
Frequency (MHz)
6
3
0
–3
–6
–9
–12
–15
–18
See Figure 1
G = +2
G = +1
R
F = 0Ω
G = +5
G = +10
V
O = 200mVp-p
INVERTING SMALL-SIGNAL
FREQUENCY RESPONSE
10
0.5
1
500
100
Frequency (MHz)
9
6
3
0
–3
–6
–9
–12
–15
–18
–21
–24
See Figure 2
G = –2
G = –1
G = –5
G = –10
V
O = 200mVp-p
R
F = 402Ω
NONINVERTING LARGE-SIGNAL
FREQUENCY RESPONSE
10
0.5
1
500
100
Frequency (MHz)
9
6
3
0
–3
–6
–9
See Figure 1
V
O = 0.2Vp-p
V
O = 0.5Vp-p
V
O = 1Vp-p
V
O = 2Vp-p
G = +2
INVERTING LARGE-SIGNAL
FREQUENCY RESPONSE
10
0.5
1
500
100
Frequency (MHz)
3
0
–3
–6
–9
–12
–15
–18
V
O = 0.5Vp-p
V
O = 1Vp-p
V
O = 2Vp-p
See Figure 2
G = –1
NONINVERTING PULSE RESPONSE
Time (10ns/div)
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
1.6
1.2
0.8
0.4
0
–0.4
–0.8
–1.2
–1.6
Large-Signal Right Scale
Small-Signal Left Scale
See Figure 1
G = +2
INVERTING PULSE RESPONSE
Time (10ns/div)
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
1.6
1.2
0.8
0.4
0
–0.4
–0.8
–1.2
–1.6
Large-Signal Right Scale
Small-Signal Left Scale
See Figure 2
G = –1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com